Electronic Components Datasheet Search
  English  ▼

X  

AD7866 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices AD7866 Datasheet HTML 11Page - Analog Devices AD7866 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD7866
–8–
PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7866 at 1 MHz sample
rate and 300 kHz input frequency. TPC 2 shows the signal-to-
(noise + distortion) ratio performance versus input frequency for
various supply voltages while sampling at 1 MSPS with an SCLK
of 20 MHz.
TPC 3a through TPC 4b show the power supply rejection ratio
versus AVDD supply ripple frequency for the AD7866 under differ-
ent conditions. The power supply rejection ratio is defined as the
ratio of the power in the ADC output at full-scale frequency f,
to the power of a 100 mV sine wave applied to the ADC AVDD
supply of frequency fS:
PSRR (dB) = 10 log (Pf/PfS)
Typical Performance Characteristics
FREQUENCY – kHz
0
–35
–115
0
500
100
200
300
400
–55
–75
–95
50
150
250
350
450
4098 POINT FFT
f
SAMPLE = 1MSPS
fIN = 300kHz
SNR = 70.31dB
THD = –85.47dB
SFDR = –86.64dB
–15
TPC 1. Dynamic Performance
INPUT FREQUENCY – Hz
–61
–75
10k
1000k
100k
–73
–63
–67
–69
–71
–65
TA = 25 C
VDD = VDRIVE = 2.7V
VDD = VDRIVE = 3.6V
VDD = VDRIVE = 5.25V
VDD = VDRIVE = 4.75V
TPC 2. SINAD vs. Input Frequency
Pf = Power at frequency f in ADC output, PfS = power at fre-
quency fS coupled onto the ADC AVDD supply. Here a 100 mV
peak-to-peak sine wave is coupled onto the AVDD supply while
the digital supply is left unaltered. TPCs 3a and 3b show the
PSRR of the AD7866 when there is no decoupling on the supply,
while TPCs 4a and 4b show the PSRR with decoupling capacitors
of 10
µF and 0.1 µF on the supply.
TPC 5 and TPC 6 show typical DNL and INL plots for the AD7866.
TPC 7 shows a graph of the total harmonic distortion versus analog
input frequency for various source impedances.
TPC 8 shows a graph of total harmonic distortion versus analog
input frequency for various supply voltages. See Analog Input
section.
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINEWAVE ON AVDD
2.5V EXT REFERENCE ON VREF
TA = 25 C
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
TPC 3a. PSRR vs. Supply Ripple Frequency,
without Supply Decoupling
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINEWAVE ON AVDD
2.5V EXT REFERENCE ON DCAPA, DCAPB
TA = 25 C
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
TPC 3b. PSRR vs. Supply Ripple Frequency,
without Supply Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com