Electronic Components Datasheet Search
  English  ▼

X  

AD7866 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices AD7866 Datasheet HTML 11Page - Analog Devices AD7866 Datasheet HTML 12Page - Analog Devices AD7866 Datasheet HTML 13Page - Analog Devices AD7866 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD7866
–10–
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW2
SW1
A
B
AGND
VIN
Figure 3. ADC Conversion Phase
ANALOG INPUT
Figure 4 shows an equivalent circuit of the analog input structure
of the AD7866. The two diodes D1 and D2 provide ESD pro-
tection for the analog inputs. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more
than 300 mV. This will cause these diodes to become forward-
biased and start conducting current into the substrate. 10 mA
is the maximum current these diodes can conduct without causing
irreversible damage to the part. The capacitor C1 in Figure 4
is typically about 10 pF and can primarily be attributed to pin
capacitance. The resistor R1 is a lumped component made up
of the on resistance of a switch. This resistor is typically about
100
Ω. The capacitor C2 is the ADC sampling capacitor and
has a capacitance of 20 pF typically. For ac applications, remov-
ing high-frequency components from the analog input signal is
recommended by use of an RC low-pass filter on the relevant
analog input pin. In applications where harmonic distortion and
signal-to-noise ratio are critical, the analog input should be driven
from a low impedance source. Large source impedances will
significantly affect the ac performance of the ADC. This may
necessitate the use of an input buffer amplifier. The choice of
the op amp will be a function of the particular application.
VDD
VIN
C1
D1
D2
R1
CONVERT PHASE – SWITCH OPEN
TRACK PHASE – SWITCH CLOSED
C2
Figure 4. Equivalent Analog Input Circuit
When no amplifier is used to drive the analog input the source
impedance should be limited to low values. The maximum
source impedance will depend on the amount of total harmonic
distortion (THD) that can be tolerated. The THD will increase
as the source impedance increases and performance will degrade
(see TPC 7).
Analog Input Ranges
The analog input range for the AD7866 can be selected to be 0 V
to VREF or 2
× VREF with either straight binary or two’s comple-
ment output coding. The RANGE pin is used to select both the
analog input range and the output coding, as shown in Figures 5
through 8. On the falling edge of
CS, point A, the logic level of
the RANGE pin is checked to determine the analog input range
of the next conversion. If this pin is tied to a logic low then the
CIRCUIT INFORMATION
The AD7866 is a fast, micropower, dual 12-bit, single supply,
A/D converter that operates from a 2.7 V to 5.25 V supply.
When operated from either a 5 V supply or a 3 V supply, the
AD7866 is capable of throughput rates of 1 MSPS when provided
with a 20 MHz clock.
The AD7866 contains two on-chip track/hold amplifiers, two
successive-approximation A/D converters, and a serial interface
with two separate data output pins, housed in a 20-lead TSSOP
package, which offers the user considerable space-saving advantages
over alternative solutions. The serial clock input accesses data
from the part but also provides the clock source for each
successive-approximation A/D converter. The analog input range for
the part can be selected to be a 0 V to VREF input or a 2
× V
REF input
with either straight binary or two’s complement output coding.
The AD7866 has an on-chip 2.5 V reference which can be over-
driven if an external reference is preferred. In addition, each ADC
can be supplied with an individual separate external reference.
The AD7866 also features power-down options to allow power
saving between conversions. The power-down feature is imple-
mented across the standard serial interface as described in the
Modes of Operation section.
CONVERTER OPERATION
The AD7866 has two successive-approximation analog-to-digital
converters, each based around a capacitive DAC. Figures 2 and 3
show simplified schematics of one of these ADCs. The ADC is
comprised of control logic, a SAR, and a capacitive DAC, all of
which are used to add and subtract fixed amounts of charge from
the sampling capacitor to bring the comparator back into a bal-
anced condition. Figure 2 shows the ADC during its acquisition
phase. SW2 is closed and SW1 is in position A, the comparator is
held in a balanced condition and the sampling capacitor acquires
the signal on VA1 for example.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW2
SW1
A
B
AGND
VIN
Figure 2. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 3), SW2 will
open and SW1 will move to position B causing the comparator
to become unbalanced. The Control Logic and the capacitive
DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back
into a balanced condition. When the comparator is rebalanced
the conversion is complete. The Control Logic generates the ADC
output code. Figures 10 and 11 show the ADC transfer functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com