Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8347 Datasheet HTML 3Page - Analog Devices AD8347 Datasheet HTML 4Page - Analog Devices AD8347 Datasheet HTML 5Page - Analog Devices AD8347 Datasheet HTML 6Page - Analog Devices AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
–7–
AD8347
RF AMP AND DEMODULATOR
VGIN – V
–35
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
TA = –40 C
TA = +25 C
TA = +85 C
TA = +25 C
TA = +85 C
TA = –40 C
TPC 1. Gain and Linearity Error vs. VGIN, VS = 5 V,
FLO = 1900 MHz, FBB = 1 MHz
VGIN – V
–35
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
TA = –40 C
TA = +25 C
TA = +25 C
TA = +85 C
TA = –40 C
TA = +85 C
TPC 2. Gain and Linearity Error vs. VGIN, VS = 2.7 V,
FLO = 1900 MHz, FBB = 1 MHz

RF FREQUENCY – MHz
800
2400
2600
30
31
32
33
34
35
36
37
38
39
40
1000
1200
1400
1600
1800
2000
2200
VS = 2.7V, TA = –40 C
VS = 2.7V, TA = +25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = +85 C
VS = 5V, TA = +85 C
VS = 5V,
TA = +25 C
TPC 3. Gain vs. FLO, VGIN = 0.2 V , FBB = 1 MHz
Typical Performance Characteristics–

RF FREQUENCY – MHz
800
2400
2600
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
1000
1200
1400
1600
1800
2000 2200
VS = 5V,
TA = +25 C
VS = 2.7V,TA = –40 C
VS = 2.7V,TA = +25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = +85 C
VS = 5V, TA = +85 C
TPC 4. Gain vs. FLO, VGIN = 0.7 V, FBB = 1 MHz

RF FREQUENCY – MHz
800
2400
2600
–37
–36
–35
–34
–33
–32
–31
–30
–29
1000
1200
1400
1600
1800
2000
2200
–28
–27
VS = 5V,
TA = +25 C
VS = 2.7V, TA = –40 C
VS = 2.7V, TA = +25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = +85 C
VS = 5V, TA = +85 C
TPC 5. Gain vs. FLO, VGIN = 1.2 V, FBB = 1 MHz

BASEBAND FREQUENCY – MHz
1
100
30
31
32
33
34
35
36
37
38
10
39
40
41
42
VS = 5V,
TA = +25 C
VS = 2.7V, TA = –40 C
VS = 2.7V, TA = +25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = +85 C
VS = 5V, TA = +85 C
TPC 6. Gain vs. FBB, VGIN = 0.2 V, FLO = 1900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com