Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices AD8347 Datasheet HTML 15Page - Analog Devices AD8347 Datasheet HTML 16Page - Analog Devices AD8347 Datasheet HTML 17Page - Analog Devices AD8347 Datasheet HTML 18Page - Analog Devices AD8347 Datasheet HTML 19Page - Analog Devices AD8347 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REV. 0
–20–
AD8347
Table I. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP4, TP5
Power Supply and Ground Vector Pins
Not Applicable
TP2, TP6
IOFS and QOFS Probe Points
Not Applicable
TP3
VREF Probe Point
Not Applicable
LK1, J11
Baseband Amplifier Output Bias: Installing this link connects VREF
LK1 Installed
to VCMO. This sets the bias level on the baseband amplifiers to VREF,
which is equal to approximately 1 V. Alternatively, the bias level of the
baseband amplifiers can be set by applying an external voltage to SMA
connector J11.
LK2, LK6, LK3, J9, J10
AGC Mode: Installing LK2 and LK6 connects the mixer outputs IMXO
LK2, LK6, LK3 Installed
and QMXO to the detector inputs VDT2 and VDT1. By installing LK3,
which connects VGIN to VAGC, the AGC mode is activated. The AGC
voltage can be observed on SMA connector J9. With LK3 removed, the
gain control signal for the internal variable gain amplifiers should be
applied to SMA connector J10.
LK4, LK5
Baseband Filtering: Installing LK4 and LK5, connects the mixer
LK4, LK5 Installed
R6, R33,
outputs IMXO and QMXO directly to the baseband amplifier inputs
R6 = R33 = 0
Ω (Size 0603)
L1–L5
IAIN and QAIN. With R6 and R33 installed (0
Ω), IAIN and QAIN
L1–L5 = Open (Size 0805)
C4, C17–C22, C25–C31
can be observed on SMA connectors J7 and J8. By removing LK4 and LK5
C4, C17–C22, C25–C31 =
R8, R34, R39, R40
and installing R8 and R34, LC filters can be inserted between the
Open (Size 0805)
mixer outputs and the baseband amplifier inputs. R8 and R34 can be
R8 = R34 = Open (0603)
used to increase the effective output impedance of IMXO and QMXO.
R39 = R40 = Open (0603)
(These outputs have low output impedances.) R39 and R40 can be used
to provide terminations for the filter at IAIN and QAIN. (IAIN and QAIN
are high impedance inputs.) R39 and R40 are terminated to VREF.
R35, R36, R37, R38
Baseband Amplifier Output Series Resistors
R35 = R36 = R37 = R38 =
0
Ω (Size 0603)
SW1
Device Enable: When in position A, the ENBL pin is connected to +VS
SW1 = A
and the AD8347 is in operating mode. In position B, the ENBL pin is
grounded, putting the device in power-down mode.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead TSSOP
(RU-28)
0.177 (4.50)
0.169 (4.30)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
0.256 (6.50)
0.246 (6.25)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com