Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices AD8347 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
–11–
AD8347

VGIN – V
–5
5
45
15

0.2
0.8
0.5
55
25
35
0.3
0.4
0.6
0.7
VS = 2.7V, TA = –40 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = +25 C
VS = 5V, TA = +25 C
VS = 2.7V,
TA = +85 C
0.9
1.0
1.1
1.2
65
75
VS = 5V, TA = +85 C
TPC 22. Voltage Gain vs. VVGIN, FLO = 1900 MHz,
FBB = 1 MHz

RF FREQUENCY – MHz
800
2400 2600
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
1000
1200
1400
1600
1800
2000 2200
2.0
2.5
VS = 5V, TA = –40 C
VS = 5V, TA = +25 C
VS = 5V, TA = +85 C
TPC 23. Quadrature Phase Error vs. FLO, VVGIN = 0.7 V,
VS = 5 V

BASEBAND FREQUENCY – MHz
0
–0.5
–2.0
–1.0
–1.5
0
0.5
5
10152025303540
1.0
–2.5
1.5
2.0
2.5
TA = –40 C
TA = +25 C
TA = +85 C
TPC 24. Quadrature Phase Error vs. FBB, VVGIN = 0.7 V,
VS = 5 V

BASEBAND FREQUENCY – MHz
0
–0.2
–0.8
–0.4
–0.6
0
0.2
5
10152025303540
0.4
–1.0
0.6
0.8
1.0
TA = +25 C
TA = –40 C
TA = +85 C
TPC 25. I/Q Amplitude Imbalance vs. FBB,
Temperature = 25 C, VS = 5 V

RF FREQUENCY – MHz
800
2400
2600
–12
–10
–8
–6
–4
–2
0
1000
1200
1400
1600
1800
2000
2200
RF WITHOUT TERMINATION
RF WITH TERMINATION
TPC 26. Return Loss of RFIP vs. FRF, VVGIN = 0.7 V, VS = 5 V
2.7GHz
2.7GHz
800MHz
800MHz
WITH TERMINATION
WITHOUT TERMINATION
TPC 27. S11 of RFIN vs. FRF, VVGIN = 0.7 V, VS = 5 V
RF AMP/DEMOD AND BASEBAND OUTPUT AMPLIFIERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com