Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8347 Datasheet HTML 4Page - Analog Devices AD8347 Datasheet HTML 5Page - Analog Devices AD8347 Datasheet HTML 6Page - Analog Devices AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices AD8347 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD8347
–8–

BASEBAND FREQUENCY – MHz
1
100
–5
–4
–3
–2
–1
0
1
2
3
10
4
5
6
7
8
9
10
VS = 5V,
TA = +25 C
VS = 2.7V, TA = –40 C
VS = 2.7V, TA = +25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = +85 C
VS = 5V, TA = +85 C
TPC 7. Gain vs. FBB, VGIN = 0.7 V, FLO = 1900 MHz

BASEBAND FREQUENCY – MHz
1
100
–35
–34
–33
–32
–31
–30
–29
–28
–27
10
–26
–25
VS = 5V,
TA = +25 C
VS = 2.7V, TA = –40 C
VS = 2.7V,
TA = +25 C
VS = 5V,
TA = –40 C
VS = 2.7V,
TA = +85 C
VS = 5V, TA = +85 C
TPC 8. Gain vs. FBB, VGIN = 1.2 V, FLO = 1900 MHz

VGIN – V
0.20
1.20
–35
–30
–10
–5
0
VS = 2.7V,TA = –40 C
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
VS = 2.7V,
TA = +25 C
0.30
VS = 5V,
TA = +25 C
–25
–20
–15
VS = 5V,
TA = –40 C
VS = 5V,
TA = +85 C
VS = 2.7V, TA = +85 C
TPC 9. Input 1 dB Compression Point (OP1 dB) vs. VGIN,
FLO = 1900 MHz, FBB = 1 MHz

RF FREQUENCY – MHz
5
6
12
7
8
9

800
2400
2600
1000
1200
1400
1600
1800
2000
2200
13
14
15
VS = 2.7V,TA = –40 C
10
11
VS = 5V, TA = –40 C
VS = 2.7V, TA = +25 C
VS = 5V, TA = +25 C
VS = 2.7V,
TA = +85 C
VS = 5V, TA = +85 C
TPC 10. IIP3 vs. FLO, VGIN = 1.2 V, FBB = 1 MHz

RF FREQUENCY – MHz
–30
–28
–16
–26
–24
–22

800
2400
2600
1000
1200
1400
1600
1800
2000
2200
–14
–12
–10
–20
–18
VS = 2.7V, TA = –40 C
VS = 2.7V,
TA = +25 C
VS = 5V, TA = +25 C
VS = 2.7V,
TA = +85 C
VS = 5V, TA = –40 C
VS = 5V, TA = +85 C
TPC 11. IIP3 vs. FLO, VGIN = 0.2 V, FBB = 1 MHz,

BASEBAND FREQUENCY – MHz
10
0
100
510
15
15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95
11
12
VS = 2.7V,
TA = +25 C
VS = 5V, TA = +25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = –40 C
14
13
VS = 5V, TA = +85 C
VS = 2.7V, TA = +85 C
TPC 12. IIP3 vs. FBB, VGIN = 1.2 V, FLO = 1900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com