Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8347 Datasheet HTML 6Page - Analog Devices AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD8347
–10–
BASEBAND OUTPUT AMPLIFIERS
BASEBAND FREQUENCY – MHz
16
1
100
10
18
20
22
24
26
28
30
32
34
TA = +25 C, VS = 5V
TA = –40 C, VS = 2.7V
TA = +25 C, VS = 2.7V
TA = –40 C, VS = 5V
TA = +85 C,VS = 2.7V
TA = +85 C, VS = 5V
TPC 18. Gain vs. FBB, VVCMO = 1 V
BASEBAND FREQUENCY – MHz
–25
1
100
10
–20
–15
–10
–5
0
5
TA = +25 C,
VS = 5V
TA = –40 C, VS = 2.7V
TA = +25 C, VS = 2.7V
TA = –40 C, VS = 5V
TA = +85 C,VS = 2.7V
TA = +85 C, VS = 5V
TPC 19. OP1 vs. FBB, VVCMO = 1 V

BASEBAND FREQUENCY – MHz
–30
–25
10
–20
–15
–10

1
100
10
15
20
–5
0
VS = 5V, TA = 25 C
VS = 5V, TA = –40 C
VS = 2.7V, TA = –40 C
VS = 2.7V,
TA = +85 C
VS = 2.7V, TA = +25 C
5
VS = 5V,
TA = +85 C
TPC 20. OIP3 vs. FBB, VVCMO = 1 V

VVCMO – V
–6
–4
–2
0
2

0.5
3.5
2.0
4
6
8
1.0
1.5
2.5
3.0
VS = 5V, MEAN
VS = 5V, MEAN –
VS = 2.7V, MEAN +
VS = 2.7V, MEAN
VS = 2.7V, MEAN –
VS = 5V,
MEAN +
TPC 21. Common-Mode Output Offset Voltage vs. VVCMO,
Temperature = 25 C ( = 1 Standard Deviation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com