Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices AD8347 Datasheet HTML 15Page - Analog Devices AD8347 Datasheet HTML 16Page - Analog Devices AD8347 Datasheet HTML 17Page - Analog Devices AD8347 Datasheet HTML 18Page - Analog Devices AD8347 Datasheet HTML 19Page - Analog Devices AD8347 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
AD8347
–18–
Figure 11. Evaluation Board Schematic
Evaluation Board
Figure 11 shows the schematic of the AD8347 evaluation board.
Note that uninstalled components are indicated with the “open”
designation. The board is powered by a single supply in the
range of 2.7 V to 5.5 V. Table I details the various configuration
options of the evaluation board.
RFIN
VREF
RFIP
VPS2
IMXO
COM3
IOPP
IOFS
IOPN
VCMO
VPS1
LOIP
IAIN
COM2
VDT2
QMXO
QOPP
QOFS
QOPN
VAGC
COM3
VGIN
ENBL
LOIN
COM1
VDT1
QAIN
VPS3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD8347
1
5
3
4
R17
200
C3
100pF
C2
100pF
T1
ETC 1-1-13
J3
LO
C5
100pF
C6
0.1 F
TP1
+VS
J6
IOPN
R35
0
J5
IOPP
R36
0
J11
VCMO
C1
0.1 F
L3
(OPEN)
L2
(OPEN)
L1
(OPEN)
C18
(OPEN)
C4
(OPEN)
C19
(OPEN)
C22
(OPEN)
C20
(OPEN)
C21
(OPEN)
C17
(OPEN)
L4
(OPEN)
L6
(OPEN)
L5
(OPEN)
C30
(OPEN)
C26
(OPEN)
C31
(OPEN)
C25
(OPEN)
C29
(OPEN)
C28
(OPEN)
C27
(OPEN)
+VS
J1
QOPN
R37
0
J2
QOPP
R38
0
J8
QMXO
J9
VAGC
J10
VGIN
R34
(OPEN)
R33
0
LK4
LK6
TP5
C9
0.1 F
C10
100pF
R40
(OPEN)
LK3
C15
0.1 F
C14
0.1 F
TP6
A
B
VPOS
SW1
LK2
C16
0.1 F
TP3
TP2
+VS
C13
0.1 F
C8
100pF
C7
0.1 F
LK1
J7
IMXO
J4
RFIP
R18
200
C12
100pF
C11
100pF
R39
(OPEN)
LK5
R8
(OPEN)
R6
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com