Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices AD8347 Datasheet HTML 15Page - Analog Devices AD8347 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD8347
–12–

RF FREQUENCY – MHz
800
2400
2600
–12
–10
–8
–6
–4
–2
0
1000
1200
1400
1600
1800
2000
2200
–14
LO PORT WITHOUT TERMINATION
LO PORT WITH TERMINATION
TPC 28. Return Loss of LOIP vs. FLO, VVGIN = 0.7 V, VP = 5 V
WITH TERMINATION
WITHOUT TERMINATION
2.7GHz
800MHz
2.7GHz
800MHz
TPC 29. S11 of LOIN vs. FLO, VVGIN = 0.7 V, VS = 5 V

RF INPUT POWER – dBm
–70
20
5
15
10
25
30
–60
–50
–40
–30
–20
–10
0
10
0
0.80
0.20
0.60
0.40
1.00
1.20
0
TA = +25 C
TA = –40 C
TA = +25 C
TA = –40 C
TA = +85 C
TA = +85 C
TPC 30. AGC Voltage and Mixer Output Level vs. RF Input
Power, FLO = 1900 MHz, FBB = 1 MHz, VS = 5 V

TEMPERATURE – C
–40
40
50
45
50
55
60
65
70
75
80
85
–30 –20 –10
0
102030
60
70
80
VP = 5V
VP = 3V
VP = 5.5V
VP = 2.7V
TPC 31. Supply Current vs. Temperature, VVGIN = 0.7 V,
VVCMO = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com