Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices AD8347 Datasheet HTML 15Page - Analog Devices AD8347 Datasheet HTML 16Page - Analog Devices AD8347 Datasheet HTML 17Page - Analog Devices AD8347 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
AD8347
–14–
less than 400
µA of supply current. The reference voltage (VREF)
of 1.0 V, which serves as the common-mode reference for the
baseband circuits, is made available for external use.
OPERATING THE AD8347
Basic Connections
Figure 4 shows the basic connections for operating the AD8347.
The device is powered through three power supply pins: VPS1,
VPS2, and VPS3. These pins supply current to different parts of
the overall circuit. VPS1 and VPS2 power the Local Oscillator (LO)
and RF sections, respectively, while VPS3 powers the baseband
amplifiers. While all of these pins should be connected to the same
supply voltage, each pin should be separately decoupled using two
capacitors. 100 pF and 0.1
µF are recommended (values close
to these may also be used).
A supply voltage in the range 2.7 V to 5.5 V should be used. The
quiescent current is 64 mA when operating from a 5 V supply.
By pulling the ENBL pin low, the device goes into its power- down
mode. The power-down current is 400
µA when operating on a
5 V supply and 80
µA on a 2.7 V supply.
Like the supply pins, the individual sections of the circuit are
separately grounded. COM1, COM2, and COM3 provide ground
for the LO, RF, and baseband sections respectively. All of these
pins should be connected to the same low impedance ground.
RF Input and Matching
The RF input signal should be ac-coupled into the RFIP pin and
RFIN should be ac-coupled to ground. To improve broadband
matching to a 50
Ω source, a 200 Ω resistor may be connected
from the signal side of RFIP’s coupling capacitor to ground.
LO Drive Interface
For optimum performance the LO inputs, LOIN and LOIP,
should be driven differentially. M/A-COM balun, ETC1-1-13
is recommended. Unless an (ac-coupled) transformer is being
used to generate the differential LO, the inputs must be ac-coupled
as shown. To improve broadband matching to a 50
Ω source, a
200
Ω shunt resistor may be connected between LOIP and LOIN.
An LO drive level of –8 dBm is recommended. TPC 17a shows
the relationship between LO drive level, LO frequency, and
quadrature error for a typical device.
A single-ended drive is also possible as shown in Figure 5, but
this will slightly increase LO leakage. The LO signal should be
applied through a coupling capacitor to LOIP, and LOIN should
be ac-coupled to ground. Because the inputs are fully differen-
tial, the drive orientation can be reversed. As in the case of the
differential drive, a 200
Ω resistor connected across LOIP and
LOIN improves the match to a 50
Ω source.
RFIN
VREF
RFIP
VPS2
IMXO
COM3
IOPP
IOFS
IOPN
VCMO
VPS1
LOIN
IAIN
COM2
QOPN
COM3
VGIN
ENBL
LOIP
COM1
VPS3
AD8347
PHASE
SPLITTER
1
BIAS
CELL
DET 1
VREF
VREF
GAIN
CONTROL
INTERFACE
DET 2
VREF
VCMO
PHASE
SPLITTER
2
VCMO
VDT2
QMXO
QOPP
QOFS
VAGC
VDT1
QAIN
760mV p-p
DIFFERENTIAL
(AGC MODE)
VCM = 1V
QOPP
QOPN
LO INPUT
–8dBm
0.8GHz–2.7GHz
T1
ETC 1-1-13
(M/A-COM)
15
3
4
C4
100pF
R17
200
C3
100pF
760mV p-p
DIFFERENTIAL
(AGC MODE)
VCM = 1V
C10
100pF
C9
0.1 F
C8
100pF
C7
0.1 F
C6
0.1 F
C5
100pF
+VS
(2.7V–5.5V)
RF INPUT
0.8GHz–2.7GHz
0dBm MAX
(AGC MODE)
C1
100pF
C2
100pF
R1
200
C14
0.1 F
24mV p-p
(AGC MODE)
1V BIAS (VREF)
24mV p-p
(AGC MODE)
1V BIAS (VREF)
C13
0.1 F
IOPP
IOPN
C15
0.1 F
Figure 4. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com