Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8347
Description  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 2 Page - Analog Devices

  AD8347 Datasheet HTML 1Page - Analog Devices AD8347 Datasheet HTML 2Page - Analog Devices AD8347 Datasheet HTML 3Page - Analog Devices AD8347 Datasheet HTML 4Page - Analog Devices AD8347 Datasheet HTML 5Page - Analog Devices AD8347 Datasheet HTML 6Page - Analog Devices AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD8347–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO/RF Frequency Range
0.8
2.7
GHz
LO Input Level
–10
0
dBm
VGIN Input Level
0.2
1.2
V
VSUPPLY (VS)
2.7
5.5
V
Temperature Range
–40
+85
°C
RF AMPLIFIER/DEMODULATOR
From RFIP/RFIN to IMXO and QMXO
(IMXO/QMXO Load >1 k
Ω)
AGC Gain Range
69.5
dB
Conversion Gain (Max)
VVGIN = 0.2 V (Max Gain)
39.5
dB
Conversion Gain (Min)
VVGIN = 1.2 V (Min Gain)
–30
dB
Gain Linearity
VVGIN = 0.3 V to 1 V
±2dB
Gain Flatness
FLO = 0.8 GHz – 2.7 GHz, FBB = 1 MHz
0.7
dB p-p
Input P1 dB
VVGIN = 0.2 V
–30
dBm
VVGIN = 1.2 V
–2
dBm
Third Order Input Intercept (IIP3)
FRF1 = 1.905 GHz,
+11.5
dBm
FRF2 = 1.906 GHz, –10 dBm Each Tone,
(Min Gain)
Second Order Input Intercept (IIP2)
FRF1 = 1.905 GHz,
+25.5
dBm
FRF2 = 1.906 GHz, –10 dBm Each Tone,
(Min Gain)
LO Leakage (RF)
At RFIP
–60
dBm
LO Leakage (MXO)
At IMXO/QMXO
–42
dBm
Demodulation Bandwidth
–3 dB
90
MHz
Quadrature Phase Error
FRF = 1.9 GHz
–3
±1
+3
Degree
I/Q Amplitude Imbalance
FRF = 1.9 GHz
0.3
dB
Noise Figure
Max Gain
11
dB
Mixer AGC Output Level
See TPC 30
24
mV p-p
Baseband DC Offset
At IMXO/QMXO, Max Gain
2
mV
(Corrected, Ref to VREF)
Mixer Output Swing
Level at which IMD3 = 45 dBc
RLOAD = 200
Ω
65
mV p-p
RLOAD = 1 k
Ω
65
mV p-p
Mixer Output Impedance
3
Ω
BASEBAND OUTPUT AMPLIFIER
From IAIN to IOPP/IOPN and
QAIN to QOPP/QOPN
RLOAD = 10 k
Ω
Gain
30
dB
Bandwidth
–3 dB (See TPC 18)
65
MHz
Output DC Offset (Differential)
(VIOPP – VIOPN)
–200
±50
+200
mV
Common-Mode Offset
(VIOPP + VIOPN)/2 – VVCMO
–40
±5
+40
mV
Group Delay Flatness
0 MHz–50 MHz
1.8
ns p-p
Second Order Intermod. Distortion
FIN1 = 5 MHz, FIN2 = 6 MHz,
–49
dBc
VIN1 = VIN2 = 8 mV p-p
Third Order Intermod. Distortion
FIN1 = 5 MHz, FIN2 = 6 MHz,
–67
dBc
VIN1 = VIN2 = 8 mV p-p
Input Bias Current
2
µA
Input Impedance
1 3M
Ω pF
Output Swing Limit (Upper)
VS – 1.3
V
Output Swing Limit (Lower)
0.4
V
(VS = 5 V; TA = 25 C; FLO = 1.9 GHz; VVCMO = 1 V; FRF = 1.905 GHz; PLO = –8 dBm,
RLOAD = 10 k , dBm with respect to 50
, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com