Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9218 Datasheet HTML 3Page - Analog Devices AD9218 Datasheet HTML 4Page - Analog Devices AD9218 Datasheet HTML 5Page - Analog Devices AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
AD9218
–7–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 12, 16, 27, 29, 32, 34, 45
GND
Ground
2AINA
Analog Input for Channel A
3
AINA
Analog Input for Channel A (Complementary)
4
DFS/GAIN
Data Format Select and Analog Input Gain Mode. (Low = offset binary out-
put available, 1 V p-p supported; high = two’s complement output available,
1 V p-p supported; floating = offset binary output available, 2 V p-p supported;
Set to VREF = two’s complement output available, 2 V p-p supported.)
5
REFINA
Reference Voltage Input for Channel A
6
REFOUT
Internal Reference Voltage
7
REFINB
Reference Voltage Input for Channel B
8
S1
User Select #1 (Refer to Table I)
9
S2
User Select #2 (Refer to Table I)
10
AINB
Analog Input for Channel B (Complementary)
11
AINB
Analog Input for Channel B
13, 30, 31, 48
VD
Analog Supply (3 V)
14
ENCB
Clock Input for Channel B
15, 28, 33, 46
VDD
Digital Supply (2.5 V to 3.6 V)
17–26
D9B–D0B
Digital Output for Channel B (D9B = MSB)
35–44
D0A–D9A
Digital Output for Channel A (D9A = MSB)
47
ENCA
Clock Input for Channel A
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
D1A
D0A
GND
VDD
GND
VD
VD
GND
AINA
AINA
DFS/GAIN
REFINA
REFOUT
REFINB
S1
S2
AINB
AINB
GND
VDD
GND
D0B
AD9218
GND
D1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com