Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 3 Page - Analog Devices

  AD9218 Datasheet HTML 1Page - Analog Devices AD9218 Datasheet HTML 2Page - Analog Devices AD9218 Datasheet HTML 3Page - Analog Devices AD9218 Datasheet HTML 4Page - Analog Devices AD9218 Datasheet HTML 5Page - Analog Devices AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
–3–
AD9218
DIGITAL SPECIFICATIONS
Test
AD9218BST-40/-65
AD9218BST-80/-105
Parameter
Temp Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS
Encode Input Common Mode
Full
V
VD/2
VD/2
V
Encode “1” Voltage
Full
VI
2
2
V
Encode “0” Voltage
Full
VI
0.8
0.8
V
Encode Input Resistance
Full
VI
1.8
2.0
2.3
1.8
2.0
2.3
k
Ω
Logic “1” Voltage—S1, S2, DFS
Full
VI
2
2
V
Logic “0” Voltage—S1, S2, DFS
Full
VI
0.8
0.8
V
Logic “1” Current—S1
Full
VI
–50
±10
+50
–50
±10
+50
µA
Logic “0” Current—S1
Full
VI
–400
–230
–50
–400
–230
–50
µA
Logic “1” Current—S2
Full
VI
50
230
400
50
230
400
µA
Logic “0” Current—S2
Full
VI
–50
±10
+50
–50
±10
+50
µA
Logic “1” Current—DFS
Full
VI
30
100
200
30
100
200
µA
Logic “0” Current—DFS
Full
VI
–400
–230
–50
–400
–230
–50
µA
Input Capacitance—S1, S2, Encode Inputs
25
°CV
2
2
pF
Input Capacitance DFS
25
°C V
4.5
4.5
pF
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
2.45
2.45
V
Logic “0” Voltage
Full
VI
0.05
0.05
V
Output Coding
Two’s Comp. or Offset Binary
Two’s Comp. or Offset Binary
Specifications subject to change without notice.
AC SPECIFICATIONS
Test
AD9218BST-40/-65
AD9218BST-80/-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
1
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
58/55
59/57
57/53
58/55
dB
fIN = Nyquist
2
25
°C
I
-/54
59/56
55/52
57/54
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
58/54
59/56
56/52
58/53
dB
fIN = Nyquist
2
25
°C
I
-/53
59/55
55/51
57/53
dB
Effective Number of Bits
fIN = 10.3 MHz
25
°C
I
9.4/8.8
9.6/9.1
9.1/8.4
9.4/8.6
Bits
fIN = Nyquist
2
25
°C
I
-/8.6
9.6/8.9
9/8.3
9.3/8.6
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
–72/–66
–89/–77
–69/–60
–77/–68
dBc
fIN = Nyquist
2
25
°C
I
-/–63
–89/–72
–65/–57
–76/–66
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
–68/–62
–79/–68
–62/–57
–71/–63
dBc
fIN = Nyquist
2
25
°C
I
-/–60
–78/–64
–63/–57
–73/–69
dBc
Spurious Free Dynamic Range SFDR
fIN = 10.3 MHz
25
°C
I
–68/–62
–79/–67
–62/–57
–69/–62
dBc
fIN = Nyquist
2
25
°C
I
-/–60
–78/–64
–63/–57
–70/–63
dBc
Two-Tone Intermod Distortion (IMD)
fIN1 = 10 MHz, fIN2 = 11 MHz
25
°C
V
–74/–73
dBc
at –7 dBFS
fIN1 = 30 MHz, fIN2 = 31 MHz
25
°C
V
–73/–73
–77/–67
dBc
at –7 dBFS
Analog Bandwidth, Full Power
25
°C
V
300
300
MHz
Crosstalk
25
°C
V
–75
–75
dBc
NOTES
1AC specs based on an analog input voltage of –0.5 dBFS at 10.3 MHz unless otherwise noted. AC specs for -40, -80, -105 grades are tested in 1 V p-p range and
driven differentially. AC specs for -65 grade are tested in 2 V p-p range and driven differentially.
2The -65, -80, and -105 grades are tested close to Nyquist for that grade: 31 MHz, 39 MHz, and 51 MHz for the -65, -80, and -105 grades respectively.
Specifications subject to change without notice.
(VDD = 3.0 V, VD = 3.0 V; external reference, unless otherwise noted.)
(VDD = 3.0 V, VD = 3.0 V; external reference, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com