Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 1 Page - Analog Devices

  AD9218 Datasheet HTML 1Page - Analog Devices AD9218 Datasheet HTML 2Page - Analog Devices AD9218 Datasheet HTML 3Page - Analog Devices AD9218 Datasheet HTML 4Page - Analog Devices AD9218 Datasheet HTML 5Page - Analog Devices AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9218
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FUNCTIONAL BLOCK DIAGRAM
10-Bit, 40/65/80/105 MSPS
3 V Dual A/D Converter
FUNCTIONAL BLOCK DIAGRAM
TIMING
ADC
OUTPUT
REGISTER
REF
T/H
10
10
ADC
OUTPUT
REGISTER
T/H
10
10
TIMING
USER
SELECT #1
USER
SELECT #2
DATA
FORMAT/
GAIN
D9B–D0B
D9A–D0A
VDD
GND
VD
AD9218
ENCODE A
ENCODE B
AINB
AINA
AINA
REFINA
REFINB
REFOUT
AINB
FEATURES
Dual 10-Bit, 40 MSPS, 65 MSPS, 80 MSPS, and
105 MSPS ADC
Low Power: 275 mW at 105 MSPS per Channel
On-Chip Reference and Track/Holds
300 MHz Analog Bandwidth Each Channel
SNR = 57 dB @ 41 MHz, Encode = 80 MSPS
1 V p-p or 2 V p-p Analog Input Range Each Channel
Single 3.0 V Supply Operation (2.7 V–3.6 V)
Power-Down Mode for Single Channel Operation
Two’s Complement or Offset Binary Output Mode
Output Data Alignment Mode
Pin-Compatible with 8-Bit AD9288
–75 dBc Crosstalk between Channels
APPLICATIONS
Battery-Powered Instruments
Hand-Held Scopemeters
Low Cost Digital Oscilloscopes
I and Q Communications
Ultrasound Equipment
GENERAL DESCRIPTION
The AD9218 is a dual 10-bit monolithic sampling analog-to-
digital converter with on-chip track-and-hold circuits and is
optimized for low cost, low power, small size and ease of use.
The product operates at a 105 MSPS conversion rate with
outstanding dynamic performance over its full operating range.
Each channel can be operated independently.
The ADC requires only a single 3.0 V (2.7 V to 3.6 V) power
supply and an encode clock for full operation. No external
reference or driver components are required for many applica-
tions. The digital outputs are TTL/CMOS-compatible and a
separate output power supply pin supports interfacing with
3.3 V or 2.5 V logic.
The clock input is TTL/CMOS-compatible and the 10-bit
digital outputs can be operated from 3.0 V (2.5 V to 3.6 V)
supplies. User-selectable options are available to offer a combi-
nation of power-down modes, digital data formats and digital
data timing schemes. In power-down mode, the digital outputs
are driven to a high-impedance state.
Fabricated on an advanced CMOS process, the AD9218 is
available in a 48-lead surface-mount plastic package (7
× 7 mm
LQFP) specified over the industrial temperature range (–40
°C
to +85
°C).
PRODUCT HIGHLIGHTS
Low Power—Just 275 mW power dissipation per channel at
105 MSPS. Other speed grade proportionally scaled down while
maintaining high ac performance.
Pin Compatibility Upgrade—Allows easy migration from 8-bit
to 10-bit. Pin-compatible with the 8-bit AD9288 dual ADC.
Ease of Use—On-chip reference and user controls provide flex-
ibility in system design.
High Performance—Maintain 54 dB SNR at 105 MSPS with a
Nyquist input.
Channel Crosstalk—Very low at –75 dBc.


Similar Part No. - AD9218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218 AD-AD9218 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
AD9218-105PCB AD-AD9218-105PCB Datasheet
952Kb / 28P
10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-105PCB AD-AD9218-105PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
AD9218-65PCB AD-AD9218-65PCB Datasheet
952Kb / 28P
10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
More results

Similar Description - AD9218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com