Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD9218
–11–
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
ENCODE = 31MSPS
AIN = 8MHz AT –0.5dBFS
SNR = 59.23dB
SINAD = 59.1dB
H2 = –87dB
H3 = –81dB
0
15.5
TPC 7. FFT: FS = 31 MSPS, AIN = 8 MHz @ –0.5 dBFS,
Differential, 1 V p-p Input Range
AIN FREQUENCY – MHz
30
050
2ND
3RD
SFDR
35
40
45
50
55
60
65
70
75
80
100
150
200
250
TPC 8. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p, FS = 105 MSPS)
AIN FREQUENCY – MHz
30
050
2ND
3RD
SFDR
35
40
45
50
55
60
65
70
75
80
100
150
200
250
TPC 9. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p, FS = 80 MSPS)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
ENCODE = 31MSPS
AIN = 8MHz AT –0.5dBFS
SNR = 59dB
SINAD = 58.8dB
H2 = –78.7dB
H3 = –72.9dB
0
15.5
TPC 10. FFT: FS = 31 MSPS, AIN = 8 MHz @ –0.5 dBFS;
with AD8138 Driving ADC Inputs, 1 V p-p Input Range
–100
0
–90
52.5
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 105MSPS
AIN1 = 30.1MHz AT –7dBFS
AIN2 = 31.1MHz AT –7dBFS
SFDR = –67dBFS
TPC 11. Two–Tone Intermodulation Distortion (30 MHz
and 31 MHz; 1 V p-p, FS = 105 MSPS)
–100
0
–90
40
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 80MSPS
AIN1 = 29.3MHz AT –7dBFS
AIN2 = 30.3MHz AT –7dBFS
SFDR = –77dBFS
TPC 12. Two–Tone Intermodulation Distortion (29.3 MHz,
30.3 MHz; 1 V p-p, FS = 80 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com