Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices AD9218 Datasheet HTML 22Page - Analog Devices AD9218 Datasheet HTML 23Page - Analog Devices AD9218 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
AD9218
–20–
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
9763
DB8–P1
DB7–P1
DB6–P1
DB5–P1
DB4–P1
DB3–P1
DB2–P1
DB1–P1
DB0–P1
NC
NC1
NC7
NC6
NC5
NC4
DB0–P2
DB1–P2
DB2–P2
DB3–P2
DB4–P2
DB5–P2
DB6–P2
DB7–P2
D0Y
C23
0.1 F
VDL
C22
0.1 F
GND
C28
0.1 F
D1Y
D2Y
D3Y
D4Y
D5Y
D6Y
D7Y
D8Y
D9Y
D0X
D1X
D2X
D3X
D4X
D5X
D6X
D7X
GND
VDL
GND
R10
50
J3
GND
GND
R9
50
GND
J8
DAC OUTPUT A
DAC OUTPUT B
VDL
GND
C29
0.1 F
D8X
D9X
VDL
U4
NC = NO CONNECT
DB9
–P1
GND
R20
00
VDL
R40
00
POWER-DOWN OPTION
AD8138
R19
4k
R21
1k
+5V
C32
0.1 F
GND
R22
25
R23
25
C2
15pF
U11
–5V
C33
0.1 F
AMPINA
GND
R17
500
R16
525
GND
AINA
AIINAB
GND
5V
R15
500
R18
500
NC = NO CONNECT
AD8138
R27
4k
R28
1k
+5V
C35
0.1 F
GND
R30
25
R24
25
C36
15pF
U12
–5V
C34
0.1 F
AMPINB
GND
R29
500
R25
525
GND
AINBB
AINB
GND
5V
R31
500
R26
500
NC = NO CONNECT
(OPTIONAL)
Figure 17c. PCB Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com