Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD9218
–17–
PCB Bill of Materials
#
Qty
REFDES
Device
Package
Value
1
29
C1, C3–C15, C20–C25, C27–C35
Capacitor
0603
0.1
µF
2
2
C2, C36
Capacitor
0603
15 pF
3
7
C16, C17, C18, C19, C26, C37, C38
Capacitor
TAJD
10
µF
6
8
J1, J2, J3, J4, J5, J6, J7, J8
Connector
SMB
7
3
P1, P4, P11
4-Pin Power Connector
TB4
Wieland
25.531.3425.0
Z5.602.5453.0
8
2
P2, P3
HEADER40
10
8
R1–R4, R22–R24, R30
Resistor
0603
25
Ω
11
10
R5–R12, R34, R37
Resistor
0603
50
Ω
12
2
R13, R14
Resistor
0603
2 k
Ω
13
6
R15, R17, R18, R26, R29, R31
Resistor
0603
500
Ω
14
2
R16, R25
Resistor
0603
525
Ω
15
2
R19, R27
Resistor
0603
4 k
Ω
16
8
R20, R32, R33, R35, R36, R38–R40
Resistor
0603
0
Ω
17
2
R21, R28
Resistor
0603
1 k
Ω
18
2
T1, T2
Transformer
ADT-1-1WT
Minicircuits
19
1
U1
AD9218
LQFP48
20
2
U2, U3
74LCX821
SO24M3
21
1
U4
AD9763
LQFP48
22
2
U5, U6
74LCX86
SO14
23
4
U7, U8, U9, U10
Resistor Array
CTS20
22
Ω
24
2
U11, U12
AD8138
SO8NB
NOTE
R22, R23, R24, R30, R32, R33, R35, R36, R38, R39, R40, C2, C36 not placed on board.
Data Outputs
The ADC digital outputs are latched on the board by two
LCX821s, the latch outputs are available at the two 40-pin
connectors at Pins 23–33 on P3 (Channel A) and Pins 23–33 on
P4 (Channel B). The latch output clocks (data ready) are avail-
able at Pin 4 on P3 (Channel A) and Pin 4 on P4 (Channel B).
The data ready signal on Channel B can be aligned with Clock
A input by connecting E43–E42 or aligned with Clock B input
by connecting E42–E33.
CH1 2.00V CH2 2.00V
M 10.0ns
CH4
40mV
PIN 31 (DATA)
PIN 37 (CLOCK)
T
Figure 15. Data Output and Clock at 80-Pin Connector
DAC Outputs
Each channel is reconstructed by an on-board dual channel DAC,
an AD9763. This DAC is intended to assist in debug only. It
should not be used to measure the performance of the ADC.
It is a current output DAC with on-board 50
Ω termination
resistors. Figure 16 is representative of the DAC output with a
full-scale analog input. The scope setting was low bandwidth,
50
Ω termination.
CH1
500mV
M 50.0ns
CH1
380mV
1
T
Figure 16. DAC Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com