Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. 0
AD9218
–14–
ILOAD – mA
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
–1.0
–0.5
0
0.5
1.0
1.5
2.0
1.05
1.00
2.5
TPC 25. VREF vs. ILOAD
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
1024
CODES
TPC 26. Typical INL Plot. 10.3 MHz AIN @ 80 MSPS
AIN INPUT LEVEL – dBFS
90
80
70
60
50
40
30
20
10
0
–60
–50
–40
–30
–20
–10
0
SFDR – dBFS
SFDR – dBc
70 dB REF LINE
SNR – dBc
TPC 27. SFDR vs. AIN Input Level. 10.3 MHz AIN @ 80 MSPS
1.0
0.8
0.6
0.4
0
–0.4
–0.6
–0.8
–1.0
0
1024
CODES
0.2
–0.2
TPC 28. Typical DNL Plot. 10.3 MHz AIN @ 80 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com