Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices AD9218 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
AD9218
–18–
1A
1B
1Y
2A
2B
2Y
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
4B
4A
4Y
3B
3A
3Y
U5
74LCX86
GND
C13
0.1 F
VDL
VDL
VDL
CLKLATB
E5
E44
E4
GND
E15
E11
E12
GND
CLKDACB
P23
TIEB
P22
ENCB
P20 P21
ENCB
E13
E16
E14
J2
ENCODE B
GND
GND
R7
50
E49
E48
E50
GND
VDL
GND
VDL
TIEB
GND
DRB
DUT CLOCK SELECTABLE TO BE DIRECT OR BUFFERED
1A
1B
1Y
2A
2B
2Y
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
4B
4A
4Y
3B
3A
3Y
U8
74LCX86
GND
C25
0.1 F
VDL
VDL
VDL
CLKDACA
E40
E41
E3
GND
E39 E38
E37
GND
DRA
P13
TIEA
P14
ENCA
P12 P19
ENCA
E35
E36
E34
J7
ENCODE A
GND
GND
R11
50
E46
E45
E47
GND
VDL
GND
VDL
TIEA
GND
CLKLATA
DUT CLOCK SELECTABLE TO BE DIRECT OR BUFFERED
GND
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
AD9218
U1
GND
AINA
AINAB
DFS/GAIN
REFINA
REFOUT
REFINB
S1
S2
AINB
AINB
GND
D1A
D0A
GND
VDD
GND
VD
VD
GND
VDD
GND
D0B
D1B
E1
E18
E20
E17
VREFA
VREFB
E19
E21
E30
AINAB
GND
AINA
REFOUT
E2
E27
E25
GND
GND
E29
E22
E28
E26
GND
VD
GND
GND
6
5
4
GND
1
2
3
C31
0.1 F
6
5
4
GND
1
2
3
C30
0.1 F
GND
GND
C10
0.1 F
C9
0.1 F
C12
0.1 F
R1
25
R2
25
R4
25
C11
0.1 F
R3
25
R32
0
R39
0
GND
GND
J5
AINA
SINGLE-ENDED
GND
J4
AINA
DIFFERENTIAL
GND
J6
AINB
DIFFERENTIAL
GND
J1
AINB
SINGLE-ENDED
GND
C37
10 F
C38
10 F
C16
10 F
C17
10 F
C18
10 F
C19
10 F
C26
10 F
4
3 2
1
4 3
2
1
4
3
2
1
GND
D0B
D1B
C1
0.1 F
VDD
GND
C3
0.1 F
GND
GND
GND
VD
GND
D1A
D0A
GND
C4
0.1 F
VDD
GND
GND
C8
0.1 F
GND
C7
0.1 F
VD
ENCA
VDD
GND
C5
0.1 F
GND
C6
0.1 F
VD
ENCB
VDD
C24
0.1 F
GND
REFINB
C27
0.1 F
GND
REFINA
GND
E9
VD
E10
VDD
E32
VDD
E31
VDL
OPTIONAL INPUT PATH FOR OPAMP OR SINGLE-ENDED
OPTIONAL INPUT PATH FOR OPAMP OR SINGLE-ENDED
AINB
AINBB
VD
VD
E23
E24
C15
0.1 F
GND
R6
50
C14
0.1 F
GND
R5
50
T2
R33
00
R35
00
AMPINA
R36
0
GND
R34
50
AMPINB
R38
0
GND
R37
50
T1
Figure 17a. PCB Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com