Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
AD9218
–12–
SFDR 1V
SFDR 2V
H3 2V
H2 2V
H3
1V
H2 1V
AIN FREQUENCY – MHz
0
20
40
60
80
100
120
140
160
180
10
20
30
40
60
70
80
90
50
2V SINGLE-ENDED DRIVE
1V DIFFERENTIAL DRIVE
TPC 13. Harmonic Distortion (Second and Third) and
SFDR vs. AIN Frequency (FS = 65 MSPS)
3rd
SFDR
AIN FREQUENCY – MHz
10
20
30
40
50
60
70
90
85
80
75
70
65
60
55
50
2nd
TPC 14. Harmonic Distortion (Second and Third) and
SFDR vs. AIN Frequency (1 V p-p, FS = 40 MSPS)
ENCODE RATE – MSPS
020
SINAD
SFDR
45
60
65
75
40
60
80
100
50
55
70
120
TPC 15. SINAD and SFDR vs. Encode Rate
(fIN = 10.3 MHz, 105 MSPS Grade) AIN = –0.5 dBFS
Differential, 1 V p-p Analog Input Range
–100
0
–90
32.5
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 65MSPS
AIN1 = 28.1MHz AT –7dBFS
AIN2 = 29.1MHz AT –7dBFS
SFDR = –72.9dBFS
TPC 16. Two-Tone Intermodulation Distortion
(28 MHz, 29 MHz; 1 V p-p, FS = 65 MSPS)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
ENCODE = 40MSPS
AIN1 = 10MHz AT –7dBFS
AIN2 = 11MHz AT –7dBFS
SFDR = 74dBc
0
20
TPC 17. Two–Tone Intermodulation Distortion
(10 MHz, 11 MHz; 1 V p-p, FS = 40 MSPS)
ENCODE RATE – MHz
0
102030
40
45
50
55
65
70
75
80
60
50
60
70
80
SINAD
SNR
SFDR
TPC 18. SINAD and SFDR vs. Encode Rate
(AIN = 10.3 MHz, 65 MSPS Grade) AIN = –0.5 dBFS
Differential, 1 V p-p Analog Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com