Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 5 Page - Analog Devices

  AD9834 Datasheet HTML 1Page - Analog Devices AD9834 Datasheet HTML 2Page - Analog Devices AD9834 Datasheet HTML 3Page - Analog Devices AD9834 Datasheet HTML 4Page - Analog Devices AD9834 Datasheet HTML 5Page - Analog Devices AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9834
–5–
REV PrM
PRELIMINARY TECHNICAL DATA
PIN FUNCTIONS DESCRIPTIONS
Pin # Mnemonic
Function
ANALOG SIGNAL AND REFERENCE
1
FS ADJUST
Full-Scale Adjust Control.
A resistor (RSET) is connected between this pin and AGND.
This
determines the magnitude of the full-scale DAC current.
The relationship between RSET and
the full-scale current is as follows:
IOUTFULL-SCALE = 18 x VREFOUT/RSET
VREFOUT = 1.20 V nominal, RSET = 6.8 k
Ω typical
2
REFOUT
Voltage Reference Output.
The AD9834 has an internal 1.20 V reference, which is made
available at this pin.
3
COMP
A DAC Bias Pin. This pin is used for de-coupling the DAC bias voltage.
17
VIN
Input to comparator. The comparator can be used to generate a square wave from the
sinusoidal DAC output. The DAC output should be filtered appropriately before being applied
to the comparator to improve jitter.
When bits OPBITEN and SIGNPIB in the control
register are set to 1, the comparator input is connected to VIN.
19,20 IOUT, IOUTB
Current Output. This is a high impedance current source. A load resistor of nominally 200
Ω
should be connected between IOUT and AGND. IOUTB should preferably be tied through an
external load resistor of 200
Ω to AGND but can be tied directly to AGND. A 20pF capacitor
to AGND is also recommended to prevent clock feedthrough.
POWER SUPPLY
4
AVDD
Positive power supply for the analog section. AVDD can have a value from +2.3 V to +5.5 V.
A 0.1 µF decoupling capacitor should be connected between AVDD and AGND.
5
DVDD
Positive power supply for the digital section. DVDD can have a value from +2.3 V to +5.5 V.
A 0.1 µF decoupling capacitor should be connected between DVDD and DGND.
6
CAP/2.5V
The digital circuitry operates from a +2.5 V power supply.
This +2.5 V is generated from
DVDD using an on board regulator (when DVDD exceeds +2.7 V).
The regulator requires a
decoupling capacitor of typically 100 nF which is connected from CAP/2.5V to DGND.
If
DVDD is equal to or less than +2.7 V, CAP/2.5 V should be shorted to DVDD.
7
DGND
Digital Ground.
18
AGND
Analog Ground.
DIGITAL INTERFACE AND CONTROL
8
MCLK
Digital Clock Input. DDS output frequencies are expressed as a binary fraction of the
frequency of MCLK. The output frequency accuracy and phase noise are determined by this
clock.
9
FSELECT
Frequency Select Input. FSELECT controls which frequency register, FREQ0 or FREQ1, is
used in the phase accumulator. The frequency register to be used can be selected using the pin
FSELECT or the bit FSEL. When the bit FSEL is being used to select the frequency register,
this pin, FSELECT, should be tied to CMOS high or low.
10
PSELECT
Phase Select Input. PSELECT controls which phase register, PHASE0 or PHASE1, is added
to the phase accumulator output. The phase register to be used can be selected using the pin
PSELECT or the bit PSEL. When the phase registers are being controlled by the bit PSEL,
this pin, PSELECT, should be tied to CMOS high or low.
11
RESET
Active high digital input. RESET resets appropriate internal registers to zero which
corresponds to an analog output of midscale. RESET does not affect any of the addressable
registers.
12
SLEEP
Active high digital input. When this pin is high, the DAC is powered down. This pin has the
same function as control bit SLEEP12.
13
SDATA
Serial Data Input. The 16-bit serial data word is applied to this input.
14
SCLK
Serial Clock Input. Data is clocked into the AD9834 on each falling SCLK edge.
15
FSYNC
Active Low Control Input. This is the frame synchronisation signal for the input data. When
FSYNC is taken low, the internal logic is informed that a new word is being loaded into
the device.
16
SIGN BIT OUT Logic Output. The comparator output is available on this pin or, alternatively, the MSB from
the NCO can be output on this pin. Setting bit OPBITEN in the control register to 1 enables
this output pin. Bit SIGNPIB determines whether the comparator output or the MSB from
the NCO is output on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com