Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9834 Datasheet HTML 11Page - Analog Devices AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices AD9834 Datasheet HTML 16Page - Analog Devices AD9834 Datasheet HTML 17Page - Analog Devices AD9834 Datasheet HTML 18Page - Analog Devices AD9834 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD9834
–15–
REV PrM
PRELIMINARY TECHNICAL DATA
Figure 7. Flow Chart for AD9834 Initialisation and Operation
Figure 8. Initialisation
WAIT 7/8 MCLK
CYCLES
See Timing Diagram Fig. 2
VOUT = VREFOUT * 18 * RLOAD/RSET * (1+ (SIN(2p(FREQREG * FMCLK * t/2
28 + PHASEREG/212)))
DAC OUTPUT
DATA WRITE
SELECT DATA
SOURCES
INITIALISATION
See Figure 8 below
CHANGE PHASE?
CHANGE FREQUENCY?
CHANGE FSEL/
FSELECT?
CHANGE FREQ
REGISTER?
CHANGE DAC OUTPUT
FROM SIN TO RAMP?
CONTROL
REGISTER
WRTE?
CHANGE OUTPUT AT
SIGN BIT OUT PIN?
CHANGE PSEL/
PSELECT?
CHANGE PHASE
REGISTER?
See Figure 9
See Figure 10
NO
NO
NO
NO
NO
YES
YES
YES
YES
YES
YES
YES
NO
YES
INITIALISATION
APPLY RESET
USING PIN
USING CONTROL
BIT
WRITE TO FREQUENCY AND PHASE REGISTERS
FREQ0 REG = FOUT0 / fMCLK * 2
28
FREQ1 REG = FOUT1 / fMCLK * 2
28
PHASE 0 & PHASE1 REG = (PhaseShift * 212) / 2p
(See Figure 9 Below)
SET RESET PIN = 1
SET RESET = 0
SELECT FREQUENCY REGISTERS
SELECT PHASE REGISTERS
USING PIN
USING CONTROL
BIT
(CONTROL REGISTER WRITE)
RESET bit = 0
FSEL = Selected Freq Register
PSEL = Selected Phase Register
PIN/SW = 0
(APPLY SIGNALS AT PINS)
RESET pin = 0
FSELECT = Selected Freq Register
PSELECT = Selected Phase Register
(CONTROL REGISTER WRITE)
RESET = 1
PIN/SW = 0
(CONTROL REGISTER WRITE)
PIN/SW = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com