Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices AD9834 Datasheet HTML 16Page - Analog Devices AD9834 Datasheet HTML 17Page - Analog Devices AD9834 Datasheet HTML 18Page - Analog Devices AD9834 Datasheet HTML 19Page - Analog Devices AD9834 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD9834
–16–
REV PrM
PRELIMINARY TECHNICAL DATA
Figure 9. Data Writes
Figure 10. Selecting Data Sources
DATA WRITE
WRITE A FULL 28-BIT WORD
TO A FREQUENCY REGISTER?
WRITE 14 MSBs OR LSBs
TO A FREQUENCY REGISTER?
WRITE TO PHASE
REGISTER?
(CONTROL REGISTER WRITE)
B28 (D13) = 1
WRITE 2 CONSECUTIVE
16-BIT WORDS
(See Table 7 for Example)
WRITE A 16-BIT WORD
(See Tables 8 & 9 for
examples)
(CONTROL REGISTER WRITE)
B28 (D13) = 0
HLB (D12) = 0 / 1
WRITE ANOTHER FULL
28 BITS TO A
FREQUENCY REGISTER?
WRITE 14 MSBs OR LSBs
TO A
FREQUENCY REGISTER?
(16 - Bit Write)
D15, D14 = 11
D13 = 0/1 (chooses the
phase register)
D12 = X
D11 ... D0 = Phase Data
WRITE TO ANOTHER
PHASE REGISTER?
YES
YES
YES
YES
YES
YES
NO
NO
NO
NO
NO
SELECT DATA SOURCES
FSELECT AND PSELECT
PINS BEING USED?
SET FSELECT
AND PSELECT
(CONTROL REGISTER WRITE)
PIN/SW = 0
SET FSEL Bit
SET PSEL Bit
(CONTROL REGISTER WRITE)
PIN/SW = 1
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com