Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9834 Datasheet HTML 4Page - Analog Devices AD9834 Datasheet HTML 5Page - Analog Devices AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices AD9834 Datasheet HTML 10Page - Analog Devices AD9834 Datasheet HTML 11Page - Analog Devices AD9834 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9834
–8–
REV PrM
PRELIMINARY TECHNICAL DATA
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation of any code from a
straight line passing through the endpoints of the transfer
function.
The endpoints of the transfer function are zero
scale, a point 0.5 LSB below the first code transition
(000 . . . 00 to 000 . . . 01) and full scale, a point 0.5 LSB
above the last code transition (111 . . . 10 to 111 . . . 11).
The error is expressed in LSBs.
Differential Nonlinearity
This is the difference between the measured and ideal 1
LSB change between two adjacent codes in the DAC. A
specified differential nonlinearity of ±1 LSB maximium ensures
monotonicity.
Output Compliance
The output compliance refers to the maximum voltage
that can be generated at the output of the DAC to meet
the specifications.
When voltages greater than that speci-
fied for the output compliance are generated, the AD9834
may not meet the specifications listed in the data sheet.
Spurious Free Dynamic Range
Along with the frequency of interest, harmonics of the
fundamental frequency and images of the these frequencies
are present at the output of a DDS device.
The spurious
free dynamic range (SFDR) refers to the largest spur or
harmonic which is present in the band of interest.
The
wide band SFDR gives the magnitude of the largest har-
monic or spur relative to the magnitude of the fundamental
frequency in the 0 to Nyquist bandwidth.
The narrow band
SFDR gives the attenuation of the largest spur or harmonic
in a bandwidth of
±200 kHz about the fundamental fre-
quency.
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the rms
sum of harmonics to the rms value of the fundameltal. For
the AD9834, THD is defined as:
THD = 20 log
√(V
2
2 + V
3
2 + V
4
2 + V
5
2 + V
6
2)/V
1
where V1 is the rms amplitude of the fundamental and V2,
V3, V4, V5 and V6 are the rms amplitudes of the second
through thre sixth harmonic.
Signal-to-Noise Ratio (SNR)
S/N is the ratio of the rms value of the measured output
signal to the rms sum of all other spectral components
below the Nyquist frequency, excluding the first six har-
monics and dc. The value for SNR is expressed in
decibels.
Clock Feedthrough
There will be feedthrough from the MCLK input to the
analog output.
Clock feedthrough refers to the magnitude
of the MCLK signal relative to the fundamental frequency
in the AD9834’s output spectrum.
THEORY OF OPERATION
Sine waves are typically thought of in terms of their
magnitude form a(t) = sin (
ωt). However, these are
nonlinear and not easy to generate except through piece
wise construction.
On the other hand, the angular
information is linear in nature.
That is, the phase angle
rotates through a fixed angle for each unit of time.
The
angular rate depends on the frequency of the signal by the
traditional rate of
ω = 2πf.
Figure 5. Sine Wave
Knowing that the phase of a sine wave is linear and given
a reference interval (clock period), the phase rotation for
that period can be determined.
∆Phase = ωδt
Solving for
ω
ω = ∆Phase/δt = 2πf
Solving for f and substituting the reference clock
frequency for the reference period (1/fMCLK =
δt)
f =
∆Phase x f
MCLK/2
π
The AD9834 builds the output based on this simple
equation. A simple DDS chip can implement this
equation with three major subcircuits:
Numerical Controlled Oscillator + Phase Modulator
SIN ROM
Digital- to- Analog Convertor.
Each of these sub-circuits are discussed in the following
section.
MAGNITUDE
PHASE
+1
0
-1
2
π
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com