Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices AD9834 Datasheet HTML 16Page - Analog Devices AD9834 Datasheet HTML 17Page - Analog Devices AD9834 Datasheet HTML 18Page - Analog Devices AD9834 Datasheet HTML 19Page - Analog Devices AD9834 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD9834
–19–
REV PrM
PRELIMINARY TECHNICAL DATA
Figure 15. AD9834 Evaluation Board Layout
Integrated Circuits
U 3
OSC XTAL 50 MHz
U 1
AD9834BRU
U 2
74HCT244
Capacitors
C1 C2 C5 C6 C7 C9 C14
100nF Ceramic Capacitor
C3 C4 C13
10nF ceramic Capacitor
C8 C10
10uF Tantalum Capacitor
C11 C12 C15 C16
Option for extra
decoupling capacitors
Resistors
R1 R2
10 K
Ω Resistor
R3
51
Ω Resistor
R4
6.8 k
Ω Resistor
R5 R6
200
Ω Resistor
R7
300
Ω Resistor
Links
Lk1 Lk2 Lk5
3 pin sil header
Lk3 Lk4
2 pin sil header
Switch
S W
End Stackable Switch (SDC
Double Throw)
Sockets
PSEL1;
FSEL1;
CLK1;
Sub Minature BNC
IOUT;
IOUTB;
SBOUT; Connector
Connectors
J 1
36-Pin Edge Connector
J2, J3
PCB Mounting Terminal
Block
C8
10
µF
C7
0.1
µ F
DVDD
J2
J3
C9
0.1
µF
C10
10
µF
AVDD
C1
0.1
µ F
DVDD
AVDD
C2
0.1
µ F
5
4
DVDD AVDD
3
2
12
1
20
COMP
REFOUT
SLEEP
FSADJUST
IOUTB
AVDD
C3
10nF
C11
LK5
6.8k
IOUTB
R6
200R
DGND
AGND
718
10
9
8
15
13
14
MCLK
FSELECT
PSELECT
FSYNC
SDATA
SCLK
18
16
14
1
6
4
2
DVDD
C6
0.1
µ F
U2
J1
SCLK
SDATA
FSYNC
R1
10K
R2
10K
PSELECT
FSELECT
LK1
LK2
SW
DVDD
MCLK
50R
DGND
DVDD
OUT
DVDD
C5
0.1
µ F
U3
SCLK
SDATA
FSYNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
U1
AD9834
0.1
µ F
C4
DVDD
R4
19
IOUT
C12
IOUT
R5
200R
C11
300R
R7
C11
VIN 17
SIGNBITOUT
SBOUT
16
R3
LK3
7
14
8
RESET
RESET
11
12
8
RESET
CAP
LK4
C13
0.01
µ F
C14
0.01
µ F
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com