Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices AD9834 Datasheet HTML 10Page - Analog Devices AD9834 Datasheet HTML 11Page - Analog Devices AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices AD9834 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9834
–12–
REV PrM
PRELIMINARY TECHNICAL DATA
The Frequency and Phase Resisters
The AD9834 contains 2 frequency registers and 2 phase
registers. These are described in Table 3 below.
Table 3. Frequency/Phase Registers
Register
Size
Description
FREQ0
28 Bits Frequency Register 0. When FSEL
bit or FSELECT pin = 0, this regis-
ter defines the output frequency as a
fraction of the MCLK frequency.
FREQ1
28 Bits Frequency Register 1. When FSEL
bit or FSELECT pin = 1, this regis-
ter defines the output frequency as a
fraction of the MCLK frequency.
PHASE0
12 Bits Phase Offset Register 0. When PSEL
bit or PSELECT pin = 0, the con-
tents of this register are added to the
output of the phase accumulator.
PHASE1
12 Bits Phase Offset Register 1. When PSEL
bit or PSELECT pin = 1, the con-
tents of this register are added to the
output of the phase accumulator.
The analog output from the AD9834 is
fMCLK/2
28 x FREQREG
where FREQREG is the value loaded into the selected
frequency register. This signal will be phase shifted by
2
π/4096 x PHASEREG
where PHASEREG is the value contained in the selected
phase register.
Access to the frequency and phase registers is controlled
by both the FSELECT/PSELECT pins and the FSEL/
PSEL control bits. If the control bit PIN/SW = 1, the
pins controls the function, whereas if PIN/SW = 0, the
bits control the function. This is outlined in tables 4 and 5
below. If the FSEL/PSEL bits are being used, the pins
should preferably be held at CMOS logic high or low.
Control of the frequency/phase registers can be inter-
changed from the pins to the bits.
Table 4: Selecting a Frequency Register
FSELECT
FSEL
PIN/SW
Selected Register
0
X
1
FREQ0 REG
1
X
1
FREQ1 REG
X
0
0
FREQ0 REG
X
1
0
FREQ1 REG
Table 5: Selecting a Phase Register
PSELECT
PSEL
PIN/SW
Selected Register
0
X
1
PHASE0 REG
1
X
1
PHASE1 REG
X
0
0
PHASE0 REG
X
1
0
PHASE1 REG
The FSELECT and PSELECT pins are sampled on the
internal falling edge of MCLK. It is recommended that
the data on these pins does not change within a time win-
dow of the falling edge of MCLK (see Figure 3 for
timing). If FSELECT/PSELECT changes value when a
falling edge occurs, there is an uncertainty of one MCLK
cycle as to when control is transferred to the other fre-
quency/phase register.
The flow charts in Figures 8 and 9 show the routine for
selecting and writing to the frequency and phase registers
of the AD9834.
Writing to a Frequency Register:
When writing to a frequency register, bits D15 and D14
give the address of the frequency register.
Table 6. Frequency Register Bits
D15
D14
D13
D 0
0
1
MSB
14 FREQ0 REG BITS
LSB
1
0
MSB
14 FREQ1 REG BITS
LSB
If the user wishes to alter the entire contents of a fre-
quency register, two consecutive writes to the same
address must be performed, as the frequency registers are
28 bits wide. The first write will contain the 14 LSBs
while the second write will contain the 14 MSBs. For this
mode of operation, the control bit B28 (D13) should be
set to 1. An example of a 28-bit write is shown in Table 7
below.
Table 7: Writing 3FFF0000 to FREQ0 REG
SDATA input
Result of input word
0010 0000 0000 0000
Control word write (D15, D14 = 00);
B28 (D13) = 1; HLB (D12) = X
0100 0000 0000 0000
FREQ0 REG write (D15, D14 = 01);
14 LSBs = 0000
0111 1111 1111 1111
FREQ0 REG write (D15, D14 = 01);
14 MSBs = 3FFF
In some applications, the user does not need to alter all 28
bits of the frequency register.
With coarse tuning, only
the 14 MSBs are altered while with fine tuning, only the
14 LSBs are altered. By setting the control bit B28 (D13)
to 0, the 28-bit frequency register operates as 2 14-bit
registers, one containing the 14 MSBs and the other con-
taining the 14 LSBs. This means that the 14 MSBs of the
frequency word can be altered independent of the 14 LSBs
and vice versa. Bit HLB (D12) in the control register
identifies which 14 bits are being altered. Examples of this
are shown over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com