Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 43 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 39Page - Analog Devices ADM1029 Datasheet HTML 40Page - Analog Devices ADM1029 Datasheet HTML 41Page - Analog Devices ADM1029 Datasheet HTML 42Page - Analog Devices ADM1029 Datasheet HTML 43Page - Analog Devices ADM1029 Datasheet HTML 44Page - Analog Devices ADM1029 Datasheet HTML 45Page - Analog Devices ADM1029 Datasheet HTML 46Page - Analog Devices ADM1029 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
REV. 0
ADM1029
–43–
Register 68h, 69h – Fan x
* Configuration (Power-On Default 2Fh)
Bit
Name
R/W
Description
<3:0>
Fan x
* Hot-Plug Speed
R/W
This nibble contains the Hot-Plug speed value for Fan x
*. This is the speed
the other fan(s) runs at if Fan x
* is Hot-Plug removed. If a fan is Hot-Plug
installed, it will run at Normal Speed.
<5:4>
PWM Frequency
R/W
These bits allow programmability of the Nominal PWM Frequency for
Fan x
*. The following options are supported:
Bits 5–4
PWM Freq
00
15.625 Hz
01
62.5 Hz
10
250 Hz – Default
11
1000 Hz
<7:6>
Oscillator Frequency
R/W
These bits contain the oscillator frequency for the Fan x
* tach measurement.
If set to 00, tach measurement is disabled for Fan x
*.
Bit 7
Bit 6
Oscillator Frequency (Hz)
0
0
Measurement disabled
0
1
470
1
0
940
1
1
1880
*“x” denotes the fan number. Register 68h is for FAN 1 and 69h is for FAN 2.
Register 70h, 71h – Fan x
* Tach Value (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
Fan x
* Tach Value
R
This register contains the value of the Fan x
* tachometer measurement.
*“x” denotes the fan number. Register 70h is for FAN 1 and 71h is for FAN 2.
Register 78h, 79h – Fan x
* Tach High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
<7:0>
Fan x
* Tach High Limit
R/W
This register contains the limit value for the Fan x
* tachometer measure-
ment. Since the tachometer circuit counts between tach pulses, a slow fan will
result in a larger measured value, so exceeding the limit is the way to detect a
slow or stopped fan.
*“x” denotes the fan number. Register 78h is for FAN 1 and 79h is for FAN 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com