Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 38 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 34Page - Analog Devices ADM1029 Datasheet HTML 35Page - Analog Devices ADM1029 Datasheet HTML 36Page - Analog Devices ADM1029 Datasheet HTML 37Page - Analog Devices ADM1029 Datasheet HTML 38Page - Analog Devices ADM1029 Datasheet HTML 39Page - Analog Devices ADM1029 Datasheet HTML 40Page - Analog Devices ADM1029 Datasheet HTML 41Page - Analog Devices ADM1029 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
REV. 0
ADM1029
–38–
Register 80h, 81h, 82h – Temp x
* TMIN (Power-On Default 001??000)
Bit
Name
R/W
Description
<7:0>
Temp x
* TMIN
R/W
This register contains the minimum temperature value for automatic fan speed
control based on the Temp x
* temperature. On power-up Pin 18 is sampled
by the ADC to determine the default value for Temp x
* TMIN. If Pin 18 is
strapped to GND or VCC, this register defaults to 32
°C, but Automatic Fan
Speed Control is disabled. There are eight strappable options on Pin 18.
These options are used to set Temp x
* TMIN and the Install bit in the Config
Register (Reg 01h, Bit 0). The options are as follows:
ADC MSBs
R1
R2
Install
Temp x
* TMIN
111
0
∞
1
Disabled
101
18 k
Ω 82 kΩ
148
°C
110
22 k
Ω 47 kΩ
140
°C
100
12 k
Ω 15 kΩ
132
°C
011
15 k
Ω 12 kΩ
032
°C
010
47 k
Ω 22 kΩ
040
°C
001
82 k
Ω 18 kΩ
048
°C
000
∞
0
0
Disabled
*“x” denotes the number of the temperature channel. Register 80h is for the Local temperature channel, 81h is for Remote 1 Temp (D1), 82h is for Remote 2
Temp (D2).
Register 88h, 89h, 8Ah Temp x
* TRANGE/THYST (Power-On Default 51h)
Bit
Name
R/W
Description
<3:0>
Temp x
* TRANGE
R/W
This nibble contains the temperature range over which automatic fan speed
control operates based on the Temp x
* measured temperature. Only a limited
number of temperature ranges are supported as follows:
Bits <3:0>
TRANGE
0000
5
°C
0001
10
°C
0010
20
°C
0011
40
°C
0100
80
°C
<7:4>
Temp x
* THYST
R/W
This nibble allows programmability of the Hysteresis level around the temperature
at which the fan being controlled by Temp x
* will switch on in automatic fan
speed control mode. Values from 0
°C to 15°C are possible. If a value other than
0
°C is programmed as a Hysteresis value, the fan will switch on when Temp x*
goes above TMIN, but will remain on until Temp x* falls below TMIN–THYST.
Between TMIN–THYST and TMIN the fan will run at the programmed minimum
pulsewidth in the Fan x
* Speed 1 register.
*“x” denotes the number of the temperature channel. Register 88h is for the Local temperature channel , 89h is for Remote 1 Temp (D1), 8Ah is for Remote 2 Temp (D2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com