Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 35 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 31Page - Analog Devices ADM1029 Datasheet HTML 32Page - Analog Devices ADM1029 Datasheet HTML 33Page - Analog Devices ADM1029 Datasheet HTML 34Page - Analog Devices ADM1029 Datasheet HTML 35Page - Analog Devices ADM1029 Datasheet HTML 36Page - Analog Devices ADM1029 Datasheet HTML 37Page - Analog Devices ADM1029 Datasheet HTML 38Page - Analog Devices ADM1029 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
REV. 0
ADM1029
–35–
Register 10h, 11h – Fan x
* Status (Power-On Default 0000 0?0?)
Bit
Name
R/W
Description
0
Missing = x
R
Reflects the state of Pins 4/21. Low means Fan x
* is installed, High
means it is missing. This bit will automatically return Low if a missing
fan is replaced.
1
Missing _L = 0
R/W
This bit is edge-triggered and latches a Fan x
* missing event on removal
of Fan x. This bit is cleared by writing a 0 to it.
2
Fault_ = x
R
Inverse of Pin 2/23. Low on pin means Fan x
* has a fault (Pins 2/23
Low), High on pin means it is OK. This bit will automatically return
Low if Pins 2/23 goes high.
3
Fault_L_ = 0
R/W
This bit is edge-triggered and latches a Fan x
* fault event on Pins 2/23.
This bit is cleared by writing a 0 to it. If the
PRESENT pin for a fan
input is high (fan not installed) this bit will be cleared automatically.
4
Sleep = 0
R/W
When this bit is set, Fan x
* will be stopped and no Fan x* faults will be
monitored. If Bit 4 in Fan x
* Fault Action Register is set, Fan x* will go
to Alarm Speed if an overtemperature event is detected as per settings in
the Temp Fault Action Registers.
5
Hot Plug Priority
R/W
This bit indicates whether Fan x runs at Hot-Plug Speed (bit set to 1) or
Alarm Speed (bit set to 0) if both modes are triggered.
6
Tach_Fault_L
R/W
Latches a Fan x Tach Fault. This bit is cleared by writing a 0 to it. If the
PRESENT pin for a fan input is high (fan not installed), this bit will be
cleared automatically.
7
Hot_Plug_L
R/W
This bit is edge-triggered and latches a Fan x Hot-plug event which is the
insertion of Fan x. (Note difference to Bit 1.) This bit is cleared by writ-
ing a 0 to it. If a fan is Hot-Plug installed, it will run at Normal Speed.
NOTES
*“x” denotes the fan number. Register 10h is for Fan 1 and Register 11h is for Fan 2.
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com