Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 7Page - Analog Devices ADM1029 Datasheet HTML 8Page - Analog Devices ADM1029 Datasheet HTML 9Page - Analog Devices ADM1029 Datasheet HTML 10Page - Analog Devices ADM1029 Datasheet HTML 11Page - Analog Devices ADM1029 Datasheet HTML 12Page - Analog Devices ADM1029 Datasheet HTML 13Page - Analog Devices ADM1029 Datasheet HTML 14Page - Analog Devices ADM1029 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
REV. 0
ADM1029
–11–
Table III. Temperature-Specific Registers
Address
Description
0x06
Temp Devices Installed
0x30
Local Temp Offset
0x31
Remote 1 Temp Offset
0x32
Remote 2 Temp Offset
0x40
Local Temp Fault Action
0x41
Remote 1 Temp Fault Action
0x42
Remote 2 Temp Fault Action
0x48
Local Temp Cooling Action
0x49
Remote 1 Temp Cooling Action
0x4A
Remote 2 Temp Cooling Action
0x80
Local Temp TMIN
0x81
Remote 1 Temp TMIN
0x82
Remote 2 Temp TMIN
0x88
Local Temp TRANGE/THYST
0x89
Remote 1 Temp TRANGE/THYST
0x8A
Remote 2 Temp TRANGE/THYST
0x90
Local Temp High Limit
0x91
Remote 1 Temp High Limit
0x92
Remote 2 Temp High Limit
0x98
Local Temp Low Limit
0x99
Remote 1 Temp Low Limit
0x9A
Remote 2 Temp Low Limit
0xA0
Local Temp Value
0xA1
Remote 1 Temp Value
0xA2
Remote 2 Temp Value
The flowchart in Figure 7 shows how to configure the ADM1029
to measure temperature. It also shows how to configure the
ADM1029’s behavior for out-of-limit temperature measurements.
FAN INTERFACING
The ADM1029 can be interfaced to many types of fan. It can be
used to control the speed of a simple two-wire fan. It can mea-
sure the speed of a fan with a tach output, and it can accept a
logic input from fans with a FAULT output. By means of a
shorting link in the fan connector it can also determine if a fan is
present or not and if fans have been hot-swapped.
The ADM1029 can control or monitor one or two fans. Bits 0
and 1 of the Fans Supported In System Register (03h) tell the
ADM1029 how many fans it should be controlling/monitoring.
In the following descriptions “installed” means that the corre-
sponding bit of register 03h is set and the ADM1029 expects to
see a fan interfaced to it. It does not necessarily mean that the
fan is actually, physically, connected.
If a fan is installed, events such as a fault output and hot-swapping
of the fan can cause
INT and CFAULT to be asserted, unless
they are masked for that particular event. If a fan is not installed,
but is still physically connected to the ADM1029, these events will
be ignored with respect to asserting
INT or CFAULT, but will
still be reflected in the corresponding Fan Status Register.
Setting Bit 0 indicates that Fan 1 is installed and is set to 1
at power-up by default. Setting Bit 1 indicates that Fan 2 is
installed and depends on the state of Pin 18 (TMIN/INSTALL)
at power-up.
LAYOUT CONSIDERATIONS
Digital boards can be electrically noisy environments, and care
must be taken to protect the analog inputs from noise, particu-
larly when measuring the very small voltages from a remote diode
sensor. The following precautions should be taken:
1. Place the ADM1029 as close as possible to the remote sens-
ing diode. Provided that the worst noise sources such as
clock generators, data/address buses, and CRTs are avoided,
this distance can be 4 to 8 inches.
2. Route the D+ and D– tracks close together, in parallel, with
grounded guard tracks on each side. Provide a ground plane
under the tracks if possible.
3. Use wide tracks to minimize inductance and reduce noise
pickup. Ten mil track minimum width and spacing is
recommended.
GND
D+
D–
GND
10MIL
10MIL
10MIL
10MIL
10MIL
10MIL
10MIL
Figure 6. Arrangement of Signal Tracks
4. Try to minimize the number of copper/solder joints, which
can cause thermocouple effects. Where copper/solder joints
are used, make sure that they are in both the D+ and D–
path and at the same temperature.
Thermocouple effects should not be a major problem as 1
°C
corresponds to about 240
µV, and thermocouple voltages are
about 3
µV/oC of temperature difference. Unless there are two
thermocouples with a big temperature differential between
them, thermocouple voltages should be much less than 200
µV.
5. Place 0.1
µF bypass and 1000 pF input filter capacitors close
to the ADM1029.
6. If the distance to the remote sensor is more than 8 inches,
the use of twisted pair cable is recommended. This will work
up to about 6 to 12 feet.
7. For really long distances (up to 100 feet), use shielded
twisted pair such as Belden #8451 microphone cable. Con-
nect the twisted pair to D+ and D– and the shield to GND
close to the ADM1029. Leave the remote end of the shield
unconnected to avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable and/or filter capacitance can affect the
measurement. When using long cables, the filter capacitor may
be reduced or removed.
Cable resistance can also introduce errors. 1
Ω series resistance
introduces about 0.5
°C error.
TEMPERATURE-RELATED REGISTERS
Table III is a list of registers on the ADM1029 that are specific
to temperature measurement and control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com