Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 26Page - Analog Devices ADM1029 Datasheet HTML 27Page - Analog Devices ADM1029 Datasheet HTML 28Page - Analog Devices ADM1029 Datasheet HTML 29Page - Analog Devices ADM1029 Datasheet HTML 30Page - Analog Devices ADM1029 Datasheet HTML 31Page - Analog Devices ADM1029 Datasheet HTML 32Page - Analog Devices ADM1029 Datasheet HTML 33Page - Analog Devices ADM1029 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
REV. 0
ADM1029
–30–
Table X. Register Map (Continued)
Address
Name
Default Value
Description
8A
Remote 2 Temp TRANGE/THYST
51h
This register programs the control range for the Remote 2
temperature control loop. It also defines the amount of tem-
perature hysteresis applied to the loop.
90
Local Temp High Limit
50h (80
°C)
High limit for Local measurement (internal sensor).
91
Remote 1 Temp High Limit
64h (100
°C)
High limit for Remote 1 measurement (D1 Sensor).
92
Remote 2 Temp High Limit
64h (100
°C)
High limit for Remote 2 measurement (D2 Sensor).
98
Local Temp Low Limit
3Ch (60
°C)
Low limit for Local Temp measurement (internal sensor).
99
Remote 1 Temp Low Limit
46h (70
°C)
Low limit for Remote 1 measurement (D1 Sensor).
9A
Remote 2 Temp Low Limit
46h (70
°C)
Low limit for Remote 2 measurement (D2 Sensor).
A0
Local Temp Value
00h
Measured value from local temp sensor.
A1
Remote 1 Temp Value
00h
Measured value from D1 Remote Sensor.
A2
Remote 2 Temp Value
00h
Measured value from D2 Remote Sensor.
A8
AIN0 High Limit
FFh
High limit for measurement on analog Channel 0.
A9
AIN1 High Limit
FFh
High limit for measurement on analog Channel 1.
B0
AIN0 Low Limit
00h
Low limit for measurement on analog Channel 0.
B1
AIN1 Low Limit
00h
Low limit for measurement on analog Channel 1.
B8
AIN0 Measured Value
00h
Measured value of analog Channel 0.
B9
AIN1 Measured Value
00h
Measured value of analog Channel 1.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com