Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 3Page - Analog Devices ADM1029 Datasheet HTML 4Page - Analog Devices ADM1029 Datasheet HTML 5Page - Analog Devices ADM1029 Datasheet HTML 6Page - Analog Devices ADM1029 Datasheet HTML 7Page - Analog Devices ADM1029 Datasheet HTML 8Page - Analog Devices ADM1029 Datasheet HTML 9Page - Analog Devices ADM1029 Datasheet HTML 10Page - Analog Devices ADM1029 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
REV. 0
ADM1029
–7–
Table I. Resistor Ratios for Setting Serial Bus Address
3 MSBs
Ideal Ratio
R1
R2
Actual
Error
of ADC
R2/(R1 + R2)
(k )(k )
R2/(R1 + R2)
%
Address
111
N/A
0
∞
1
0
0101111
110
0.8125
18
82
0.82
+0.75
0101110
101
0.6875
22
47
0.6812
–0.63
0101101
100
0.5625
12
15
0.5556
–0.69
0101100
011
0.4375
15
12
0.4444
+0.69
0101011
010
0.3125
47
22
0.3188
+0.63
0101010
001
0.1875
82
18
0.18
–0.75
0101001
000
N/A
∞
0
0
0
0101000
TEMPERATURE – C
0.05
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
–0.40
–0.45
–0.50
–0.55
–0.60
0
20
40
60
80
85
100
105
120
TPC 13. Local Temperature Error
PRODUCT DESCRIPTION
The ADM1029 is a versatile fan controller and monitor for use
in personal computers, servers, telecommunications equipment,
or any high-availability system where reliable control and moni-
toring of multiple cooling fans is required. Each ADM1029 can
control the speed of one or two fans and can measure the speed
of fans that have a tachometer output. The ADM1029 can also
measure the temperature of one or two external sensing diodes
or an internal temperature sensor, allowing fan speed to be
adjusted to keep system temperature within acceptable limits. The
ADM1029 has FAULT inputs for use with fans that can signal
failure conditions, and inputs to detect whether or not fans are
connected.
The ADM1029 communicates with the host processor over an
System Management (SMBus) serial bus. It supports eight
different serial bus addresses, so that up to eight devices can
be connected to a common bus, controlling up to sixteen fans.
This makes software support and hardware design scalable.
The ADM1029 has an interrupt output (
INT) that allows it
to signal fault conditions to the host processor. It also has a
separate, cascadable fault output (
CFAULT) that allows the
ADM1029 to signal a fault condition to other ADM1029s.
The ADM1029 has a number of useful features including an
automatic fan speed control option implemented in hardware
with no software requirement, automatic use of backup fans in
the event of fan failure, and supports hot-swapping of failed fans.
FUNCTIONAL DESCRIPTION
SERIAL BUS INTERFACE
Control of the ADM1029 is carried out via the serial bus. The
ADM1029 is connected to this bus as a slave device, under the
control of a master device.
The ADM1029 has a 7-bit serial bus address. The four MSBs of
the address are set to 0101. The three LSBs can be set by the
user to give a total of eight different addresses, allowing up to
eight ADM1029s to be connected to a single serial bus segment.
To minimize device pin count and size, the three LSBs are set
using a single pin (ADD, Pin 15). This is an 8-level input whose
input voltage is set by a potential divider. The voltage on ADD
is sampled immediately after power-up and digitized by the
on-chip ADC to determine the value of the 3 LSBs. Since ADD
is sampled only at power-up, any changes made while power is
on will have no effect.
ADM1029
ADD
VCC
GND
R1
R2
Figure 2. Setting the Serial Address
Table I shows resistor values for setting the 3 LSBs of the serial
bus address. The same principle is used to set the voltage on Pin
18 (TMIN/INSTALL), which controls the automatic fan speed
control function, and also tells the ADM1029 how many fans
should be installed, as described later.
If several ADM1029s are used in a system, their ADD inputs
can tap off a single potential divider, as shown in Figure 3.
ADD
ADD
ADD
ADD
ADD
ADD
ADD
ADD
ADDRESS XXXX000
ADDRESS XXXX001
ADDRESS XXXX111
ADDRESS XXXX110
ADDRESS XXXX101
ADDRESS XXXX100
ADDRESS XXXX011
ADDRESS XXXX010
VCC
GND
1.5k
1k
1k
1k
1k
1k
1.5k
ADM1029 #1
ADM1029 #2
ADM1029 #3
ADM1029 #4
ADM1029 #5
ADM1029 #6
ADM1029 #7
ADM1029 #8
Figure 3. Setting Address of up to Eight ADM1029s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com