| Electronic Components Datasheet Search |
|
ADM1029 Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1029 Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 48 page ![]() REV. 0 ADM1029 –27– BIT 0 = 1 RUN FAN 1 AT ALARM OR HOT-PLUG SPEED IF GPIO PIN IS ASSERTED BIT 1 = 1 RUN FAN 2 AT ALARM OR HOT-PLUG SPEED IF GPIO PIN IS ASSERTED BITS 2 – 7 RESERVED – READ BACK ZERO BIT 0 = 1 PIN 19 CONFIGURED AS GPIO0 BIT 1 = 1 PIN 20 CONFIGURED AS GPIO1 BIT 2 = 1 PIN 11 CONFIGURED AS GPIO2 BIT 3 = 1 PIN 13 CONFIGURED AS GPIO3 BIT 4 = 1 PIN 14 CONFIGURED AS GPIO4 BIT 5 = 1 PIN 16 CONFIGURED AS GPIO5 BIT 6 = 1 PIN 17 CONFIGURED AS GPIO6 BIT 7 RESERVED ENABLE PINS FOR GPIO FUNCTION (REGISTER 0x05) CONFIGURE GPIO PINS BEHAVIOR GPIO0 (REG 0x28) | GPIO6 (REG 0x2E) CONFIGURE GPIO EVENT MASK GPIO0 (REG 0x38) | GPIO6 (REG 0x3E) FAN 1 RUNS AT HOT-PLUG OR ALARM SPEED GPIO PINS ENABLE (REG 0x05) GPIO EVENT MASK (CONFIGURE REG 0x38 FOR GPIO0, REG 0x39 FOR GPIO1.....REG 0x3E FOR GPIO6) IS GPIO PIN ASSERTED? YES BIT 0 SETS THE DIRECTION FOR GPIO PIN. A '0' CONFIGURES THE PIN AS AN OUTPUT, A '1' SETS THE PIN UP AS AN INPUT BIT 1 SETS THE POLARITY FOR GPIO PIN. A '0' MAKES THE PIN ACTIVE LOW, A '1' MAKES THE PIN ACTIVE HIGH BIT 2 = 1 IF GPIO PIN IS CONFIGURED AS AN INPUT, CFAULT IS ASSERTED WHEN GPIO IS ASSERTED. IF GPIO PIN IS CONFIGURED AS AN OUTPUT, GPIO PIN WILL BE ASSERTED IF A HIGH TEMPERATURE LIMIT IS EXCEEDED. THIS CAN BE USED TO SHUT DOWN THE SYSTEM IN AN OVER-TEMPERATURE SITUATION. BIT 3 = 1 IF GPIO PIN IS CONFIGURED AS AN INPUT, INT IS ASSERTED WHEN GPIO IS ASSERTED. IF GPIO PIN IS AN OUTPUT, GPIO IS ASSERTED IF A TEMPERATURE LOW LIMIT IS EXCEEDED. BIT 4 = 1 IF GPIO PIN IS CONFIGURED AS AN INPUT, FANS GO TO ALARM SPEED IF GPIO IS ASSERTED. IF GPIO PIN IS AN OUTPUT, GPIO IS ASSERTED IF A FAN TACH LIMIT IS EXCEEDED. BIT 5 = 1 IF GPIO PIN IS CONFIGURED AS AN INPUT, FANS GO TO HOT-PLUG SPEED IF GPIO IS ASSERTED. IF GPIO PIN IS AN OUTPUT, GPIO IS ASSERTED IF A FAN FAULT IS DETECTED (FAULT PIN). BIT 6 = 1 IF GPIO PIN IS AN INPUT, THIS BIT REFLECTS THE STATE OF GPIO PIN. IF GPIO PIN IS AN OUTPUT, GPIO IS ASSERTED IF AN AIN HIGH LIMIT IS EXCEEDED. BIT 7 IF GPIO PIN IS AN INPUT, THIS BIT LATCHES A GPIO ASSERTION EVENT. CLEARED BY WRITING A '0.' IF GPIO PIN IS AN INPUT, GPIO IS ASSERTED IF AN AIN LOW LIMIT IS EXCEEDED. GPIO PINS BEHAVIOR (REG 0x28 CONFIGURES GPIO0, REG 0x29 CONFIGURES GPIO1, ETC.) IS GPIO PIN ASSERTED? YES FAN 2 RUNS AT HOT-PLUG OR ALARM SPEED Figure 19. Configuring GPIO Pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |