Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 14Page - Analog Devices ADM1029 Datasheet HTML 15Page - Analog Devices ADM1029 Datasheet HTML 16Page - Analog Devices ADM1029 Datasheet HTML 17Page - Analog Devices ADM1029 Datasheet HTML 18Page - Analog Devices ADM1029 Datasheet HTML 19Page - Analog Devices ADM1029 Datasheet HTML 20Page - Analog Devices ADM1029 Datasheet HTML 21Page - Analog Devices ADM1029 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
REV. 0
ADM1029
–18–
spin the fan up for a predetermined time, and once the fan has
spun up, its running speed may be reduced in line with the
temperature being measured.
The ADM1029 allows fan spin-up times between 1/64 second
and 16 seconds. The Fan Spin-Up Register (Register 0x0C)
allows the spin-up time for the fans to be programmed. Bit 3
of this register, when set, disables fan spin-up for both fans.
Table V. Fan Spin-Up Times
Spin-Up Times
Bits 2:0
(Fan Spin-Up Register)
000
16 Seconds
001
8 Seconds
010
4 Seconds
011
2 Seconds (Default)
100
1 Second
101
1/4 Second
110
1/16 Second
111
1/64 Second
Once the Automatic Fan Speed Control Loop parameters have
been chosen, the ADM1029 device may be programmed. The
ADM1029 is placed into Automatic Fan Speed Control Mode
by writing to the three Temperature Cooling Action Registers
(Registers 0x48, 0x49, 0x4A). The device powers up in Auto-
matic Fan Speed Control Mode by default, as long as the TMIN/
Install pin (Pin 18) does not have the disable option selected
(TMIN/Install pin tied low or high). The default setting is that
both fans will run at the fastest speed calculated by all three
temperature channels. The control mode offers flexibility in that
the user can decide which temperature channel/channels control
each fan (five options).
Table VI. Automatic Mode Fan Behavior
Option
Temperature Cooling Action
1
Bit 0 Register 0x49 and/or Bit 1 Reg 0x4A =
Remote Temp 1 Controls Fan 1, Remote Temp 2
Controls Fan 2
2
Bit 0 Register 0x48 and Bit 1 Register 0x48 = 1
Local Temp Controls Fan 1 and/or Fan 2
3
Bit 0 Register 0x49 and Bit 1 Register 0x49 =
Remote Temp 1 Controls Fan 1 and/or Fan 2
4
Bit 0 Register 0x4A and Bit 1 Register 0x4A =
Remote Temp 2 Controls Fan 1 and/or Fan 2
5
Bits 0, 1 Reg 0x48, 0x49, 0x4A = 1 Max Speed
Calculated by Local and Remote Temperature
Channels Controls Fans 1 and/or 2
When Option 5 is chosen, this offers increased flexibility. The
Local and Remote temperature channels can have independently
programmed control loops with different control parameters.
Whichever control loop calculates the fastest fan speed based on
the temperature being measured, drives both fans.
Figure 13 shows how the fan’s PWM duty cycle is determined
by two independent control loops. This is the type of Automode
Fan Behavior seen when Bits 0 and 1 of all three Temperature
Cooling Action Registers = 11. Figure 13a shows the control
loop for the Local Temperature channel. Its TMIN value has
been programmed to 20
°C, and its TRANGE value is 40°C.
T RANGE
=
80
C
020
40
70
80
REMOTE TEMPERATURE – C
TMIN
TMAX = TMIN + TRANGE
100
87
73
66
60
53
47
40
33
93
80
020
40
60
LOCAL TEMPERATURE – C
TMIN
TMAX = TMIN + TRANGE
100
87
73
66
60
53
47
40
33
93
80
Figure 13. Max Speed Calculated by Local and Remote
Temperature Control Loops Drives Fans
The local temperature’s TMAX will thus be 60
°C. Figure 13b
shows the control loop for the Remote 1 Temperature channel. Its
TMIN value has been set to 0
°C, while its TRANGE = 80°C. There-
fore, the Remote 1 Temperature’s TMAX value will be 80
°C.
If both temperature channels measure 40
°C, both control
loops will calculate a PWM duty cycle of 66%. Therefore, the
fans will be driven at 66% duty cycle.
If both temperature channels measure 20
°C, the local channel
will calculate 33% PWM duty cycle, while the Remote 1
channel will calculate 50% PWM duty cycle. Thus, the fans will
be driven at 50% PWM duty cycle. Consider the local temperature
measuring 60
°C, while the Remote 1 temperature is measuring
70
°C. The PWM duty cycle calculated by the local temperature
control loop will be 100% (since the temperature = TMAX). The
PWM duty cycle calculated by the Remote 1 temperature
control loop at 70
°C will be approximately 90%. So the fans will
run full speed (100% duty cycle). Remember that the fan speed
will be based on the fastest speed calculated, and is not necessarily
based on the highest temperature measured. Depending on the
control loop parameters programmed, a lower temperature on one
channel may actually calculate a faster speed than a higher
temperature on another channel.
a.
b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com