Electronic Components Datasheet Search
  English  ▼

X  

ADM1029 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 5Page - Analog Devices ADM1029 Datasheet HTML 6Page - Analog Devices ADM1029 Datasheet HTML 7Page - Analog Devices ADM1029 Datasheet HTML 8Page - Analog Devices ADM1029 Datasheet HTML 9Page - Analog Devices ADM1029 Datasheet HTML 10Page - Analog Devices ADM1029 Datasheet HTML 11Page - Analog Devices ADM1029 Datasheet HTML 12Page - Analog Devices ADM1029 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
REV. 0
ADM1029
–9–
In the case of the ADM1029, write operations contain either
one or two bytes, and read operations contain one byte, and
perform the following functions:
To write data to one of the device data registers or read data
from it, the Address Pointer Register must be set so that the
correct data register is addressed, data can be written into that
register or read from it. The first byte of a write operation always
contains an address that is stored in the Address Pointer Regis-
ter. If data is to be written to the device, the write operation
contains a second data byte that is written to the register
selected by the address pointer register.
This is illustrated in Figure 4a. The device address is sent over
the bus followed by R/
W set to 0. This is followed by two data
bytes. The first data byte is the address of the internal data
register to be written to, which is stored in the Address Pointer
Register. The second data byte is the data to be written to the
internal data register.
When reading data from a register there are two possibilities:
1. If the ADM1029’s Address Pointer Register value is unknown
or not the desired value, it is first necessary to set it to the
correct value before data can be read from the desired data
register. This is done by performing a write to the ADM1029
as before, but only the data byte containing the register address
is sent, as data is not to be written to the register. This is
shown in Figure 4b.
A read operation is then performed consisting of the serial
bus address, R/
W bit set to 1, followed by the data byte read
from the data register. This is shown in Figure 4c.
2. If the Address Pointer Register is known to be already at the
desired address, data can be read from the corresponding
data register without first writing to the Address Pointer
Register, so Figure 4b can be omitted.
Note: although it is possible to read a data byte from a data
register without first writing to the Address Pointer Register,
if the Address Pointer Register is already at the correct value,
it is not possible to write data to a register without writing to
the Address Pointer Register, because the first data byte of a
write is always written to the Address Pointer Register.
ALERT RESPONSE ADDRESS
The ADM1029 has an interrupt (
INT) output that is asserted
low when a fault condition occurs. Several
INT outputs can be
wire OR’d to a common interrupt line. When the host processor
receives an interrupt request, it would normally need to read the
interrupt status register of each device to identify which device
had made the interrupt request. However, the ADM1029 sup-
ports the optional Alert Response Address function of the SMBus
protocol. When the host processor receives an interrupt request
it can send a general call address (0001100) over the bus. The
device asserting
INT will then send its own slave address back
to the host processor, so the device asserting
INT can be identi-
fied immediately.
If more than one device is asserting
INT, all devices will try to
respond with their slave address, but an arbitration process
ensures that only the lowest address will be received by the host.
After sending its slave address, the first device will then clear its
INT output. The host can then check if the INT is still low and
send the general call again if necessary until all devices asserting
INT have responded.
The ARA function can be disabled by setting Bit 2 of the Con-
figuration Register (address 01h).
TEMPERATURE MEASUREMENT SYSTEM
LOCAL TEMPERATURE MEASUREMENT
The ADM1029 contains an on-chip bandgap temperature sensor,
whose output is digitized by the on-chip ADC. The temperature
data is stored in the Local Temp Value Register (address A0h).
As both positive and negative temperatures can be measured, the
temperature data is stored in two’s complement format, as shown
in Table II. Theoretically, the temperature sensor and ADC can
measure temperatures from –128
°C to +127°C with a resolution
of 1
°C, but temperatures outside the operating temperature
range of the device cannot be measured by the internal sensor.
REMOTE TEMPERATURE MEASUREMENT
The ADM1029 can measure the temperature of one or two
remote diode-connected transistors, connected to Pins 13 and
14 and/or 16 and 17. The data from the temperature measure-
ments is stored in the Remote 1 and Remote 2 Temp Value
Registers (addresses A1h and A2h).
If two remote temperature measurements are not required, Pins
16 and 17 can be reconfigured as general-purpose logic I/O
pins, as explained later.
The forward voltage of a diode or diode-connected transistor,
operated at a constant current, exhibits a negative temperature
coefficient of about –2 mV/
°C. The absolute value of V
BE varies
from device to device and individual calibration is required to
null this out so, unfortunately, the technique is unsuitable for
mass production.
The technique used in the ADM1029 is to measure the change
in VBE when the device is operated at two different currents.
This is given by:
∆V
BE = KT/q
× ln(N)
where:
K is Boltzmann’s constant
q is charge on the carrier
T is absolute temperature in Kelvins
N is ratio of the two currents
Figure 5 shows the input signal conditioning used to measure
the output of a remote temperature sensor. This figure shows
the external sensor as a substrate transistor, provided for tem-
perature monitoring on some microprocessors, but it could equally
well be a discrete transistor.
If a discrete transistor is used, the collector will not be grounded,
and should be linked to the base. If a PNP transistor is used, the
base is connected to the D– input and the emitter to the D+
input. If an NPN transistor is used, the emitter is connected to
the D– input and the base to the D+ input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com