Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADM1026EB Datasheet(PDF) 36 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 36 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 32Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 33Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 34Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 35Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 36Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 37Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 38Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 39Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ADM1026
Rev. A | Page 36 of 56
REGISTERS
Table 11. Address Pointer Register
Bit
Name
R/W
Description
7–0
Address Pointer
Write
Address of ADM1026 registers. See the following tables for details.
Table 12. List of Registers
Hex
Address
Name
Power-On Value
Description
00
Configuration 1
00h
Configures various operating parameters
01
Configuration 2
00h
Configures Pins 3–6 and 9–12 as fan inputs or GPIO
02
Fan 0–3 Divisor
55h
Sets oscillator frequency for Fan 0–3 speed measurement
03
Fan 4–7 Divisor
55h
Sets oscillator frequency for Fan 4–7 speed measurement
04
DAC Control
FFh
Contains value for fan speed DAC (analog fan speed control) or minimum
value for automatic fan speed control
05
PWM Control
FFh
Contains value for PWM fan speed control or minimum value for automatic
fan speed control
06
EEPROM Register
100h
For factory use only
07
Configuration Register
300h
Configuration register for THERM, VREF and GPIO16
08
GPIO Config 1
00h
Configures GPIO0 to GPIO3 as input or output and as active high or active low
09
GPIO Config 2
00h
Configures GPIO4 to GPIO7 as input or output and as active high or active low
0A
GPIO Config 3
00h
Configures GPIO8 to GPIO11 as input or output and as active high or active
low
0B
GPIO Config 4
00h
Configures GPIO12 to GPIO15 as input or output and as active high or active
low
0C
EEPROM Register 2
00h
For factory use only
0D
Int Temp THERM Limit
37h (55°C)
High limit for THERM interrupt output based on internal temperature
measurement
0E
TDM1 THERM Limit
50h (80°C)
High limit for THERM interrupt output based on Remote Channel 1 (D1)
temperature measurement
0F
TDM2 THERM Limit
50h (80°C)
High limit for THERM interrupt output based on Remote Channel 2 (D2)
temperature measurement
10
Int Temp TMIN
28h (40°C)
TMIN value for automatic fan speed control based on internal temperature
measurement
11
TDM1 TMIN
40h (64°C)
TMIN value for automatic fan speed control based on Remote Channel 1 (D1)
temperature measurement
12
TDM2 TMIN
40h (64°C)
TMIN value for automatic fan speed control based on Remote Channel 2 (D2)
temperature measurement
13
EEPROM Register 3
00h
Configures EEPROM for read/write/erase, etc.
14
Test Register 1
00h
Manufacturer’s test register
15
Test Register 2
00h
For manufacturer’s use only
16
Manufacturer’s ID
41h
Contains manufacturer’s ID code
17
Revision
4xh
Contains code for major and minor revisions
18
Mask Register 1
00h
Interrupt mask register for temperature and supply voltage faults
19
Mask Register 2
00h
Interrupt mask register for analog input faults
1A
Mask Register 3
00h
Interrupt mask register for fan faults
1B
Mask Register 4
00h
Interrupt mask register for local temp, VBAT, AIN8, THERM, AFC, CI and GPIO16
1C
Mask Register 5
00h
Interrupt mask register for GPIO0 to GPIO7
1D
Mask Register 6
00h
Interrupt mask register for GPIO8 to GPIO15
1E
Int Temp Offset
00h
Offset register for internal temperature measurement
1F
Int Temp Value
00h
Measured temperature from on–chip sensor
20
Status Register 1
00h
Interrupt status register for external temp and supply voltage faults
21
Status Register 2
00h
Interrupt status register for analog input faults
22
Status Register 3
00h
Interrupt status register for fan faults
23
Status Register 4
00h
Interrupt status register for local temp, VBAT, AIN8, THERM, AFC, CI, and GPIO16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com