Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADM1026EB Datasheet(PDF) 53 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 53 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 48Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 49Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 50Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 51Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 52Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 53Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 54Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 55Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
ADM1026
Rev. A | Page 53 of 56
Table 123. Register 6Eh, Ext1 Temp Offset (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
Ext1 Temp Offset
R/W
This register contains the offset value for the external 1 temperature channel. A twos complement
number can be written to this register, which is then added to the measured result before it is
stored or compared to limits. In this way, a sort of one-point calibration can be done whereby the
whole transfer function of the channel can be moved up or down. From a software point of view,
this may be a very simple method to vary the characteristics of the measurement channel if the
thermal characteristics change for any reason (for instance from one chassis to another), if the
measurement point is moved, if a plug-in card is inserted or removed, and so on.
Table 124. Register 6Fh, Ext2 Temp Offset (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
Ext2 Temp Offset
R/W
This register contains the offset value for the external 2 temperature channel. A twos complement
number can be written to this register, which is then added to the measured result before it is
stored or compared to limits. In this way, a sort of one-point calibration can be done whereby the
whole transfer function of the channel can be moved up or down. From a software point of view,
this may be a very simple method to vary the characteristics of the measurement channel if the
thermal characteristics change for any reason (for instance from one chassis to another), if the
measurement point is moved, if a plug-in card is inserted or removed, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com