Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADM1026EB Datasheet(PDF) 45 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 45 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 41Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 42Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 43Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 44Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 45Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 46Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 47Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 48Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
ADM1026
Rev. A | Page 45 of 56
Table 46. Register 21h, Status Register 2 (Power-On Default 00h)
Bit
Name
R/W
Description
0
AIN0 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
1
AIN1 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
2
AIN2 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
3
AIN3 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
4
AIN4 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
5
AIN5 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
6
AIN6 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
7
AIN7 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous conversion
cycle;0 otherwise.
Table 47. Register 22h, Status Register 3 (Power-On Default 00h)
Bit
Name
R/W
Description
0
FAN0 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
1
FAN1 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
2
FAN2 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
3
FAN3 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
4
FAN4 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
5
FAN5 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
6
FAN6 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
7
FAN7 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle; 0 otherwise.
Table 48. Register 23h, Status Register 4 (Power-On Default 00h)
Bit
Name
R/W
Description
0
Int Temp Status = 0
R
1, if Int value is above the high limit or below the low limit on the previous conversion cycle, 0
otherwise. This bit is set (once only) if a THERM mode is engaged as a result of int temperature
readings exceeding the Int THERM limit. This bit is also set (once only) if THERM mode is disengaged
as a result of internal temperature readings going 5°C below Int THERM limit.
1
VBAT Status = 0
R
1, if VBAT value is above the high limit or below the low limit on the previous conversion cycle,
0 otherwise.
2
AIN8 Status = 0
R
1, if AIN8 value is above the high limit or below the low limit on the previous conversion cycle,
0 otherwise.
3
THERM Status = 0
R
This bit is set (once only) if a THERM mode is engaged as a result of temperature readings
exceeding the THERM limits on any channel. This bit is also set (once only) if THERM mode is
disengaged as a result of temperature readings going 5°C below THERM limits on any channel.
4
AFC Status = 0
R
This bit is set (once only) if the fan turns on when in automatic fan speed control (AFC) mode as a
result of a temperature reading exceeding TMIN on any channel. This bit is also set (once only) if the
fan turns off when in automatic fan speed control mode.
5
Unused
R
Unused. Reads back 0.
6
CI Status = 0
R
This bit latches a chassis intrusion event.
7
GPIO16 Status = 0
R
When GPIO16 is configured as an input, this bit is set when GPIO16 is asserted. (Asserted may be
active high or active low depending on the setting in GPIO configuration register.)
R/W
When GPIO16 is configured as an output, setting this bit asserts GPIO16. (Asserted may be active
high or active low depending on setting in GPIO configuration register.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com