Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADM1026EB Datasheet(PDF) 41 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 41 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 37Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 38Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 39Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 40Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 41Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 42Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 43Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 44Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ADM1026
Rev. A | Page 41 of 56
Table 23. Register 0Ah, GPIO Configuration Register 3 (Power-On Default 00h)
Bit
Name
R/W
Description
0
GPIO8 Direction
R/W
When this bit is 0, GPIO8 is configured as an input; otherwise, it is an output.
1
GPIO8 Polarity
R/W
When this bit is 0, GPIO8 is active low; otherwise, it is active high.
2
GPIO9 Direction
R/W
When this bit is 0, GPIO9 is configured as an input; otherwise, it is an output.
3
GPIO9 Polarity
R/W
When this bit is 0, GPIO9 is active low; otherwise, it is active high.
4
GPIO10 Direction
R/W
When this bit is 0, GPIO10 is configured as an input; otherwise, it is an output.
5
GPIO10 Polarity
R/W
When this bit is 0, GPIO10 is active low; otherwise, it is active high.
6
GPIO11 Direction
R/W
When this bit is 0, GPIO11 is configured as an input; otherwise, it is an output.
7
GPIO11 Polarity
R/W
When this bit is 0, GPIO11 is active low; otherwise, it is active high.
Table 24. Register 0Bh, GPIO Configuration Register 4 (Power-On Default 00h)
Bit
Name
R/W
Description
0
GPIO12 Direction
R/W
When this bit is 0, GPIO12 is configured as an input; otherwise, it is an output.
1
GPIO12 Polarity
R/W
When this bit is 0, GPIO12 is active low; otherwise, it is active high.
2
GPIO13 Direction
R/W
When this bit is 0, GPIO13 is configured as an input; otherwise, it is an output.
3
GPIO13 Polarity
R/W
When this bit is 0, GPIO13 is active low; otherwise, it is active high.
4
GPIO14 Direction
R/W
When this bit is 0, GPIO14 is configured as an input; otherwise, it is an output.
5
GPIO14 Polarity
R/W
When this bit is 0, GPIO14 is active low; otherwise, it is active high.
6
GPIO15 Direction
R/W
When this bit is 0, GPIO15 is configured as an input; otherwise, it is an output.
7
GPIO15 Polarity
R/W
When this bit is 0, GPIO15 is active low; otherwise, it is active high.
Table 25. Register 0ch, EEPROM Register 2 (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
Factory Use
R
For factory use only. Do not write to this register.
Table 26. Register 0Dh, Internal Temperature THERM Limit (Power-On Default, 37h 55°C)
Bit
Name
R/W
Description
7–0
Int Temp THERM Limit
R/W
This register contains the THERM limit for the internal temperature channel. Exceeding this limit
causes the THERM output pin to be asserted.
Table 27. Register 0Eh, TDM1 THERM Limit (Power-On Default 50h, 80°C)
Bit
Name
R/W
Description
7–0
TDM1 THERM Limit
R/W
This register contains the THERM limit for the TDM1 temperature channel. Exceeding this limit
causes the THERM output pin to be asserted.
Table 28. Register 0Fh, TDM2 THERM Limit (Power-On Default 50h, 80°C)
Bit
Name
R/W
Description
7–0
TDM2 THERM Limit
R/W
This register contains the THERM limit for the TDM2 temperature channel. Exceeding this limit
causes the THERM output pin to be asserted.
Table 29. Register 10h, Internal Temperature TMIN (Power-On Default 28h, 40°C)
Bit
Name
R/W
Description
7–0
Internal Temp TMIN
R/W
This register contains the TMIN value for automatic fan speed control based on the internal
temperature channel.
Table 30. Register 11h, TDM1 Temperature TMIN (Power-On Default 40h, 64°C)
Bit
Name
R/W
Description
7–0
TDM1 Temp TMIN
R/W
This register contains the TMIN value for automatic fan speed control based on the TDM1
temperature channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com