Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 5Page - Analog Devices ADM9240 Datasheet HTML 6Page - Analog Devices ADM9240 Datasheet HTML 7Page - Analog Devices ADM9240 Datasheet HTML 8Page - Analog Devices ADM9240 Datasheet HTML 9Page - Analog Devices ADM9240 Datasheet HTML 10Page - Analog Devices ADM9240 Datasheet HTML 11Page - Analog Devices ADM9240 Datasheet HTML 12Page - Analog Devices ADM9240 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADM9240
–9–
REV. 0
Table I. A/D Output Code vs. VIN
Input Voltage
A/D Output
+12 VIN
+5 VIN
+3.3 VIN
+2.5 VIN
+VCCP1
+VCCP2
Decimal
Binary
<0.062
<0.026
<0.0172
<0.013
<0.014
<0.014
0
00000000
0.062–0.125
0.026–0.052
0.017–0.034
0.013–0.026
0.014–0.028
0.014–0.028
1
00000001
0.125–0.187
0.052–0.078
0.034–0.052
0.026–0.039
0.028–0.042
0.028–0.042
2
00000010
0.188–0.250
0.078–0.104
0.052–0.069
0.039–0.052
0.042–0.056
0.042–0.056
3
00000011
0.250–0.313
0.104–0.130
0.069–0.086
0.052–0.065
0.056–0.070
0.056–0.070
4
00000100
0.313–0.375
0.130–0.156
0.086–0.103
0.065–0.078
0.070–0.084
0.070–0.084
5
00000101
0.375–0.438
0.156–0.182
0.103–0.120
0.078–0.091
0.084–0.098
0.084–0.098
6
00000110
0.438–0.500
0.182–0.208
0.120–0.138
0.091–0.104
0.098–0.112
0.098–0.112
7
00000111
0.500–0.563
0.208–0.234
0.138–0.155
0.104–0.117
0.112–0.126
0.112–0.126
8
00001000
l
l
l
4.000–4.063
1.666–1.692
1.100–1.117
0.833–0.846
0.900–0.914
0.900–0.914
64 (1/4 Scale)
01000000
l
l
l
8.000–8.063
3.330–3.560
2.200–2.217
1.667–1.680
1.800–1.814
1.800–1.814
128 (1/2 Scale)
10000000
l
l
l
12.000–12.063
5.000–5.026
3.300–3.317
2.500–2.513
2.700–2.714
2.700–2.714
192 (3/4 Scale)
11000000
l
l
l
15.313–15.375
6.380–6.406
4.210–4.230
3.190–3.203
3.445–3.459
3.445–3.459
245
11110101
15.375–15.438
6.406–6.432
4.230–4.245
3.203–3.216
3.459–3.473
3.459–3.473
246
11110110
15.438–15.500
6.432–6.458
4.245–4.263
3.216–3.229
3.473–3.487
3.473–3.487
247
11110111
15.500–15.563
6.458–6.484
4.263–4.280
3.229–3.242
3.487–3.501
3.487–3.501
248
11111000
15.563–15.625
6.484–6.510
4.280–4.300
3.242–3.255
3.501–3.515
3.501–3.515
249
11111001
15.625–15.688
6.510–6.536
4.300–4.314
3.255–3.268
3.515–3.529
3.515–3.529
250
11111010
15.688–15.750
6.536–6.562
4.314–4.331
3.268–3.281
3.529–3.543
3.529–3.543
251
11111011
15.750–15.813
6.562–6.588
4.331–4.348
3.281–3.294
3.543–3.558
3.543–3.558
252
11111100
15.813–15.875
6.588–6.615
4.348–4.366
3.294–3.307
3.558–3.572
3.558–3.572
253
11111101
15.875–15.938
6.615–6.640
4.366–4.383
3.307–3.320
3.572–3.586
3.572–3.586
254
11111110
>15.938
>6.640
>4.383
>3.320
>3.586
>3.586
255
11111111
The input ranges of the analog inputs are shown in more detail
in Table I.
The +VCCP1 and +VCCP2 inputs are used to measure processor
core voltages, and have an input range from 0 V to 3.6 V. If
only a single processor core voltage is being monitored, the
VCCP2 input may be used to monitor the –12 V supply. This is
achieved by using a resistive divider network referenced to a
known positive dc voltage. This is illustrated in Figure 4.
INPUT CIRCUITS
The internal structure for the analog inputs is shown in Figure
3. Each input circuit consists of an input protection diode, an
attenuator, plus a capacitor to form a first order low-pass filter
which gives the input immunity to high frequency noise.
MUX
+VCCP2
97.3k
50pF
42.7k
+5V
22.7k
35pF
122.2k
55.2k
25pF
91.6k
80.9k
25pF
61.1k
111.2k
25pF
36.7k
97.3k
50pF
42.7k
+12V
+3.3V
+2.5V
+VCCP1
Figure 3. Internal Structure of Analog Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com