Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 8Page - Analog Devices ADM9240 Datasheet HTML 9Page - Analog Devices ADM9240 Datasheet HTML 10Page - Analog Devices ADM9240 Datasheet HTML 11Page - Analog Devices ADM9240 Datasheet HTML 12Page - Analog Devices ADM9240 Datasheet HTML 13Page - Analog Devices ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ADM9240
–12–
REV. 0
FAN INPUTS
Two inputs are provide for monitoring the condition of cooling
fans. Signal conditioning in the ADM9240 accommodates the
slow rise and fall times typical of fan tachometer outputs. The
maximum input signal range is 0 to VCC. In the event that these
inputs are supplied from fan outputs that exceed 0 to VCC,
either resistive attenuation of the fan signal or diode clamping
must be included to keep inputs within an acceptable range.
Figures 6a to 6c show circuits for most common fan tacho
outputs.
If the fan tacho output has a resistive pull-up to VCC it can be
connected directly to the fan input, as shown in Figure 6a.
+12V
FAN1
OR FAN2
PULL-UP
4.7k
TYP.
TACHO
OUTPUT
VCC
FAN SPEED
COUNTER
Figure 6a. Fan with Tachometer Pull-Up to +VCC
If the fan output has a resistive pull-up to +12 V (or other
voltage greater than VCC), the fan output can be clamped with
a Zener diode, as shown in Figure 6b. The Zener voltage
should be chosen so that it is greater than VIH but less than
VCC, allowing for the voltage tolerance of the Zener. A value of
about 0.8
× V
CC is suitable.
+12V
FAN1
OR FAN2
PULL-UP
4.7k
TYP.
TACHO
OUTPUT
VCC
ZD1*
ZENER
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
VCC
FAN SPEED
COUNTER
Figure 6b. Fan with Tachometer Pull-Up to Voltage >VCC
(e.g., 12 V) Clamped with Zener Diode
If the fan has a strong pull-up (less than 1 k
Ω) to +12 V, or a
totem-pole output, a series resistor can be added to limit the
zener current, as shown in Figure 6c. Alternatively, a resistive
attenuator may be used, as shown in Figure 6d.
R1 and R2 should be chosen such that:
2 V < VPULL-UP
× R2/(R
PULL-UP + R1 + R2) < VCC
If the value of the pull-up resistor is not known, the value of R1
and R2 should be made fairly large, but not so large that the
input leakage current will cause a large voltage drop across
them.
With a pull-up voltage of 12 V and pull-up resistor less than
1 k
Ω, suitable values for R1 and R2 would be 100 kΩ and
47 k
Ω. This will give a high input voltage of 3.83 V.
+12V
FAN1
OR FAN2
PULL-UP
TYP. < 1k
OR TOTEM-POLE
TACHO
OUTPUT
VCC
FAN SPEED
COUNTER
ZD1*
ZENER
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
VCC
R1
10k
Figure 6c. Fan with Strong Tachometer Pull-Up to
>VCC or Totem-Pole Output, Clamped with Zener and
Resistor
+12V
FAN1
OR FAN2
< 1k
TACHO
OUTPUT
VCC
FAN SPEED
COUNTER
*SEE TEXT
R1*
R2*
Figure 6d. Fan with Strong Tachometer Pull-Up to
>VCC or Totem-Pole Output, Attenuated with R1/R2
INPUT CURRENT LIMITING
If the fans are powered while the ADM9240 is unpowered, the
inputs of the ADM9240 will try to clamp the fan output volt-
age. In this case the input current must be limited to less than
the maximum value in the Absolute Maximum Ratings table.
The pull-up resistor of the fan tacho output may provide this
current limiting but, if its value is too low, it may be necessary
to add additional resistance in series with the fan input pins.
FAN SPEED MEASUREMENT
The fan counter does not count the fan tacho output pulses
directly, because the fan speed may be less than 1000 rpm and
it would take several seconds to accumulate a reasonably large
and accurate count. Instead, the period of the fan revolution is
measured by gating an on-chip 22.5 kHz oscillator into the
input of an 8-bit counter for two periods of the fan tacho out-
put, as shown in Figure 7, so the accumulated count is actually
proportional to the fan tacho period and inversely proportional
to the fan speed.
The monitoring cycle begins when a one is written to the start
bit (Bit 0), and a zero to the
INT_Clear bit (Bit 3) of the Con-
figuration Register
INT_Enable (Bit 1) should be set to one to
enable the
INT output. The measurement begins on the rising
edge of a fan tacho pulse, and ends on the next-but-one rising
edge. Once the fan speeds have been measured, they will be
stored in the Fan Speed Value Registers and can be read at any
time. The measurements will be updated as long as the moni-
toring cycle continues.
22.5kHz
CLOCK
CONFIG
REG. BIT 0
FAN1
INPUT
FAN1
MEASUREMENT
PERIOD
FAN2
MEASUREMENT
PERIOD
START OF
MONITORING
CYCLE
FAN2
INPUT
Figure 7. Fan Speed Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com