Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 13Page - Analog Devices ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices ADM9240 Datasheet HTML 19Page - Analog Devices ADM9240 Datasheet HTML 20Page - Analog Devices ADM9240 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ADM9240
–17–
REV. 0
+12V
SDA
SCL
SERIAL BUS
+3.3V
+3.3V
+12V
RESET
+3.3V
+VCCP2
+12VIN
+5VIN
+3.3VIN
+2.5VIN
+VCCP1
VID0
VID1
VID2
VID3
VID4
FROM VID PINS
OF PROCESSOR
NTEST_OUT/A0
A1
CI
FAN1
FAN2
GNDD
VCC
INT
NTEST_IN/AOUT
GNDA
510
ADM9240
10 F 0.1 F
2N2219A
+3.3V
CMOS
BACKUP
BATTERY
1N914
1N914
74HC132
470k
MRD901
100k
10k
OP295
10k
82k
510
510
510
510
510
Figure 14. Application Circuit
APPLICATION CIRCUIT
Figure 14 shows a generic application circuit using the
AD9240. The analog monitoring inputs are connected to the
power supplies including two processor core voltage inputs. The
VID inputs are connected to the processor voltage ID pins.
There are two tacho inputs from fans, and the analog output is
used to control the speed of a third fan. A chassis intrusion
latch with an opto-sensor is connected to the CI input. Of
course, in an actual application, every input and output may not
be used, in which case unused analog and digital inputs should
be tied to analog or digital ground as appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com