Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices ADM9240 Datasheet HTML 19Page - Analog Devices ADM9240 Datasheet HTML 20Page - Analog Devices ADM9240 Datasheet HTML 21Page - Analog Devices ADM9240 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ADM9240
–19–
REV. 0
Table VII. Register 40h, Configuration Register (Power-On Default = 08h)
Bit
Name
R/
W
Description
0
START
R/
W
Logic 1 enables startup of ADM9240, Logic 0 places it in standby mode. Caution: the out-
puts of the Interrupt pins will not be cleared if the user writes a zero to this location after an
interrupt has occurred (see “
INT_Clear” bit). At startup, limit checking functions and scan-
ning begins. Note, all high and low limits should be set into the ADM9240 prior to turning
on this bit. (Power-Up Default = 0.)
1
INT_Enable
R/
W
Logic 1 enables the
INT output. 1 = Enabled 0 = Disabled (Power-Up Default = 0).
2
Reserved
Default = 0.
3
INT_Clear
R/
W
During Interrupt Service Routine (ISR) this bit is asserted Logic 1 to clear
INT output
without affecting the contents of the Interrupt Status Register. The device will stop monitor-
ing. It will resume upon clearing of this bit. (Power-Up Default = 1.)
4
RESET
R/
W
Creates a
RESET (Active Low) signal for 20 ms minimum (Power-Up Default = 0).
This bit is cleared once the pulse goes active.
5
Reserved
R/
W
Default = 0.
6
CI_Reset
R/
W
A “1” outputs a minimum 20 ms active low pulse on the Chassis Intrusion pin. (Power-Up
Default = 0.) (Note: This bit performs the same function as Bit 7 in Register 46h).
7
Initialization
R/
W
Logic 1 restores power-up default values to the Configuration register, Interrupt status regis-
ters, Interrupt Mask Registers, Fan Divisor Register and the Temperature Configuration
Register. This bit automatically clears itself since the power-on default is zero.
Table VIII. Register 41h, Interrupt Status Register 1 (Power-On Default = 00h)
Bit
Name
R/
W
Description
0
+2.5 V_Error
Read Only
A “1” indicates a high or low limit has been exceeded.
1VCCP_Error
Read Only
A “1” indicates a high or low limit has been exceeded.
2
+3.3 V_Error
Read Only
A “1” indicates a high or low limit has been exceeded.
3
+5 V_Error
Read Only
A “1” indicates a high or low limit has been exceeded.
4
Temp_Error
Read Only
A “1” indicates that a temperature interrupt has been set.
5
Reserved
Read Only
Undefined.
6
FAN1_Error
Read Only
A “1” indicates that a fan count limit has been exceeded.
7
FAN2_Error
Read Only
A “1” indicates that a fan count limit has been exceeded.
Table IX. Register 42h, Interupt Status Register 2 (Power-On Default = 00h)
Bit
Name
R/
W
Description
0
+12 V_Error
Read Only
A “1” indicates a high or low limit has been exceeded.
1VCCP2_Error
Read Only
A “1” indicates a high or low limit has been exceeded.
2
Reserved
Read Only
Undefined.
3
Reserved
Read Only
Undefined.
4
Chassis_Error
Read Only
A “1” indicates chassis intrusion has gone high.
5
Reserved
Read Only
Undefined.
6
Reserved
Read Only
Undefined.
7
Reserved
Read Only
Undefined.
Note: Any time the STATUS Register is read out, the conditions (i.e., Register) that are read are automatically reset. In the case of the channel priority indication, if
two or more channels were out of limits, another indication would automatically be generated if it were not handled during the ISR. In the Mask Register, the errant
voltage interrupt may be disabled until the operator has time to clear the errant condition or set the limit higher/lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com