Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 10Page - Analog Devices ADM9240 Datasheet HTML 11Page - Analog Devices ADM9240 Datasheet HTML 12Page - Analog Devices ADM9240 Datasheet HTML 13Page - Analog Devices ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ADM9240
–14–
REV. 0
The chassis intrusion circuit should be designed so that it can be
reset by pulling its output low. A suitable chassis intrusion cir-
cuit using a phototransistor is shown in Figure 8. Light falling
on the phototransistor when the PC cover is removed will cause
it to turn on and pull up the input of N1, thus setting the latch
N3/N4. After the cover is replaced, a low reset on the CI output
will pull down the input of N4, resetting the latch.
+5V
CMOS
BACKUP
BATTERY
1N914
1N914
CI
74HC132
470k
MRD901
100k
10k
Figure 8a. Chassis Intrusion Detector and Latch
The Chassis Intrusion input can also be used for other types of
alarm input. Figure 8b shows a temperature alarm circuit using
an AD22105 temperature switch sensor. This produces a low-
going output when the preset temperature is exceeded, so the
output is inverted by Q1 to make it compatible with the CI
input. Q1 can be almost any small-signal NPN transistor, or a
TTL or CMOS inverter gate may be used if one is available. See
the AD22105 data sheet for information on selecting RSET.
CONFIGURATION
REGISTER
INT_ENABLE
INT_CLEAR
INT
CI (CHASSIS INTRUSION)
DATA
DEMULTIPLEXER
HIGH AND
LOW LIMIT
COMPARATORS
+VCCP2
+12V
+5V
+3.3V
+2.5V
+VCCP1
FAN1
FAN2
TEMP
HIGH LIMIT
LOW LIMIT
VALUE
FROM VALUE
AND LIMIT
REGISTERS
1 = OUT
OF LIMIT
MASKING DATA
FROM BUS
INTERRUPT
STATUS
REGISTERS
STATUS
BIT
MASK
BIT
MASK GATING
10
INTERRUPT
MASK
REGISTERS
Figure 9. Interrupt Register Structure
R1
10k
VC
CI
AD22105
TEMP.
SENSOR
RSET
Q1
Figure 8b. Using the CI Input with a Temperature Sensor
Note: The chassis intrusion input does not have a protective
clamp diode to VCC, as this could pull down the chassis intru-
sion latch and reset it when the ADM9240 was powered down.
THE ADM9240 INTERRUPT STRUCTURE
The Interrupt Structure of the ADM9240 is shown in Figure 9.
As each measurement value is obtained and stored in the
appropriate value register, the value and the limits from the
corresponding limit registers are fed to the high and low limit
comparators. The result of each comparison (1 = out of limit,
0 = in limit) is routed to the corresponding bit input of the
Interrupt Status Registers via a data demultiplexer and used to
set that bit high or low as appropriate.
The Interrupt Mask Registers have bits corresponding to each of
the Interrupt Status Register Bits. Setting an Interrupt Mask Bit
high forces the corresponding Status Bit output low, while set-
ting an Interrupt Mask Bit low allows the corresponding Status
Bit to be asserted. After masking, the status bits are all ORed
together to produce the
INT output, which will pull low if any
unmasked status bit goes high, i.e., when any measured value
goes out of limit.
The
INT output is enabled when Bit 1 of the Configuration
Register (
INT_Enable) is high, and Bit 3 (INT_Clear) is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com