Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 12Page - Analog Devices ADM9240 Datasheet HTML 13Page - Analog Devices ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices ADM9240 Datasheet HTML 19Page - Analog Devices ADM9240 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ADM9240
–16–
REV. 0
The structure of the NAND tree is shown in Figure 13.
Beginning with A1 and working clockwise around the chip, each
pin can be toggled and a resulting toggle can be observed on
NTEST_OUT/A0.
Allow for a typical propagation delay of 500 ns.
SDA
SCL
FAN1
FAN2
VID0
VID1
VID2
VID3
VID4
A1
NTEST_OUT
Figure 13. NAND Tree
Note: If any of the inputs shown in Figure 9 are unused, they
should not be connected directly to ground, but via a resistor
such as 10 k
Ω. This will allow the ATE (Automatic Test Equip-
ment) to drive every input high so that the NAND tree test can
be properly carried out.
USING THE ADM9240
POWER-ON RESET
When power is first applied, the ADM9240 performs a “power-
on reset” on several of its registers. Registers whose power-on
values are not shown have power-on conditions that are indeter-
minate (this includes the Value and Limit Registers). The ADC
is inactive. In most applications, usually the first action after
power-on would be to write limits into the Limit Registers.
Power-on reset clears or initializes the following registers (the
initialized values are shown in Table VI:
– Configuration Register
– Serial Address Register
– Interrupt (INT) Status Registers #1 and #2
– Interrupt (INT) Mask Registers #1 and #2
– VID /Fan Divisor Register
– VID4 Register
– Chassis Intrusion Clear Register
– Temperature Configuration Register
– Test Register
– Compatibility Register
– Analog Output Register
INITIALIZATION
Configuration Register INITIALIZATION performs a similar,
but not identical, function to power-on reset. The Test Register
and Analog Output Register are not initialized.
Configuration Register INITIALIZATION is accomplished by
setting Bit 7 of the Configuration Register high. This bit auto-
matically clears after being set.
Using the Configuration Register
Control of the ADM9240 is provided through the Configuration
Register. The ADC is stopped upon power-up, and the
INT_Clear
signal is asserted, clearing the
INT output. The Configuration
Register is used to start and stop the ADM9240; enable or dis-
able interrupt outputs and modes, and provide the initialization
function described above.
Bit 0 of the Configuration Register controls the monitoring loop
of the ADM9240. Setting Bit 0 low stops the monitoring loop
and puts the ADM9240 into a low power mode thereby reduc-
ing power consumption. Serial bus communication is still pos-
sible with any register in the ADM9240 while in low power
mode. Setting Bit 0 high starts the monitoring loop.
Bit 1 of the Configuration Register enables or disables the
INT
Interrupt output. Setting Bit 1 high enables the
INT output,
setting Bit 1 low disables the output.
Bit 3 of the Configuration Register is used to clear the
INT
interrupt output when set high. The ADM9240 monitoring
function will stop until Bit 3 is set low. Interrupt Status Register
contents will not be affected.
Bit 4 of the Configuration Register is used to initiate a mini-
mum 20 ms
RESET signal on the RESET output if the function
is enabled by Bit 7 in Register 44.
Bit 6 of the Configuration Register is used to reset the Chassis
Intrusion (CI) output pin when set high.
Bit 7 of the Configuration Register is used to start a Configura-
tion Register Initialization when taken high.
STARTING CONVERSION
The monitoring function (analog inputs, temperature and fan
speeds) in the ADM9240 is started by writing to the Configura-
tion Register and setting Start (Bit 0), high,
INT_Enable (Bit 1)
high and
INT_Clear (Bit 3) low. Apart from initially starting
together, the analog measurements and fan speed measurements
proceed independently and are not synchronized in any way.
The analog measurements will be completed in no more than
353
µs. The time taken to complete the fan speed measurements
depends on the fan speed and the number of tacho output pulses
per revolution.
Once the measurements have been completed, the results can be
read from the Value Registers at any time.
Table IV shows the measurement sequence for the analog inputs.
Table IV. Measurement Sequence
Measurement #
Parameter
1
Analog +VCCP2
2
Analog +12 VIN
3
Analog +5 VIN
4
Analog +3.3 VIN
5
Analog +2.5 VIN
6
Analog +VCCP1
7
Temperature Reading
LOW POWER AND SHUTDOWN MODE
The ADM9240 can be placed in a low power mode by setting
Bit 0 of the Configuration register to 0. This disables the inter-
nal ADC. Full shutdown mode may then be achieved by setting
Bit 0 of the Test Register to 1. This turns off the analog output
and stops the monitoring cycle, if running, but it does not affect
the condition of any of the registers. The device will return to its
previous state when this bit is reset to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com