Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices ADM9240 Datasheet HTML 19Page - Analog Devices ADM9240 Datasheet HTML 20Page - Analog Devices ADM9240 Datasheet HTML 21Page - Analog Devices ADM9240 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ADM9240
–18–
REV. 0
Table V. Address Pointer Register
Bit
Name
R/
W
Description
7–0
Address Pointer
Write
Address of ADM9240 Registers. See the tables below for detail.
Table VI. List of Registers
Notes
Address
Description
Power on Value
A7–A0 (Binary Bit 7–0)
15h
Test Register
0000 0000
Setting Bit 0 of this register to 1 selects
shutdown mode. Caution: Do Not write to
any other bits in this register.
19h
Programmed Value of Analog Output
1111 1111
20h
+2.5 V Measured Value
Indeterminate
Read Only
21h
+VCCP1 Measured Value
Indeterminate
Read Only
22h
+3.3 V Measured Value
Indeterminate
Read Only
23h
+5 V Measured Value
Indeterminate
Read Only
24h
+12 V Measured Value
Indeterminate
Read Only
25h
VCCP2 Measured Value
Indeterminate
Read Only
26h
Reserved
Indeterminate
27h
Temperature Reading
Indeterminate
Read Only
28h
FAN1 Reading
Indeterminate
Read Only
29h
FAN2 Reading
Indeterminate
Read Only
2Ah
Reserved
Indeterminate
2Bh
+2.5 V High Limit
Indeterminate
2Ch
+2.5 V Low Limit
Indeterminate
2Dh
+VCCP1 High Limit
Indeterminate
2Eh
+VCCP1 Low Limit
Indeterminate
2Fh
+3.3 V High Limit
Indeterminate
30h
+3.3 V Low Limit
Indeterminate
31h
+5 V High Limit
Indeterminate
32h
+5 V Low Limit
Indeterminate
33h
+12 V High Limit
Indeterminate
34h
+12V Low Limit
Indeterminate
35h
VCCP2 High Limit
Indeterminate
36h
VCCP2 Low Limit
Indeterminate
37h
Reserved
Indeterminate
38h
Reserved
Indeterminate
39h
Hot Temperature Limit (High)
Indeterminate
3Ah
Hot Temperature Hysteresis Limit (Low)
Indeterminate
3Bh
FAN1 Fan Count Limit
Indeterminate
3Ch
FAN2 Fan Count Limit
Indeterminate
3Dh
Reserved
Indeterminate
3Eh
Company ID Number
0010 0011
This location will contain the company
identification number (Read Only).
3Fh
Revision Number
Die Revision
This location will contain the revision
number of the part. (Read Only).
40h
Configuration Register
0000 1000
See Table VII
41h
Interrupt
INT Status Register 1
0000 0000
See Table VIII
42h
Interrupt
INT Status Register 2
0000 0000
See Table IX
43h
INT Mask Register 1
0000 0000
See Table X
44h
INT Mask Register 2
0000 0000
See Table XI
45h
Compatibility Register
0000 0000
See Table XII
46h
Chassis Intrusion Clear Register
0000 0000
See Table XIII
47h
VID0–3/Fan Divisor Register
0101 (VID3–VID0)
See Table XIV
48h
Serial Address Register
0010 11(A1)(A0)
See Table XV
49h
VID4 Register
1000 000(VID4)
See Table XVI
4Bh
Temperature Configuration Register
0000 0001
See Table XVII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com