Electronic Components Datasheet Search
  English  ▼

X  

ADM9240 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices ADM9240 Datasheet HTML 19Page - Analog Devices ADM9240 Datasheet HTML 20Page - Analog Devices ADM9240 Datasheet HTML 21Page - Analog Devices ADM9240 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ADM9240
–20–
REV. 0
Table X. Register 43h,
INT Interrupt Mask Register 1 (Power-On Default = 00h)
Bit
Name
R/
W
Description
0
+2.5 V
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
1+VCCP1
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
2
+3.3 V
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
3
+5 V
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
4
Temp
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
5
Reserved
Read/
Write
Power-On Default = 0.
6
FAN1
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
7
FAN2
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
Table XI. Register 44h,
INT Mask Register 2 (Power-On Default = 00h)
Bit
Name
R/
W
Description
0
+12 V
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
1VCCP2
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
2
Reserved
Read/
Write
Power-up default set to Low.
3
Reserved
Read/
Write
Power-up default set to Low.
4
CI
Read/
Write
A “1” disables the corresponding interrupt status bit for
INT interrupt.
5
Reserved
Read/
Write
Undefined.
6
Reserved
Read/
Write
Undefined.
7
RESET Enable
Read/
Write
A “1” enables the
RESET function in the configuration register.
Table XII. Register 45h, Reserved Compatibility (Power-On Default = 00h)
Bit
Name
R/
W
Description
0–7
Reserved
Read/
Write
Reserved for Compatibility.
Table XIII. Register 46h, Chassis Intrusion Clear (Power-On Default = 00h)
Bit
Name
R/
W
Description
0–6
Reserved
Read/
Write
Undefined (Power On Default = 00h)
7
Chassis Int. Clear
Read/
Write
A “1” outputs a minimum 20 ms active low pulse on the chassis intrusion
pin. The register bit clears itself after the pulse has been output.
Table XIV. Register 47h, VID0–3/Fan Divisor Register (Power-On Default 0101(VID3–VID0))
Bit
Name
R/
W
Description
0–3
VID
Read
The VID[3:0] inputs from processor core power supplies to indicate the
operating voltage (e.g., 1.3 V to 3.5 V).
4–5
FAN1 Divisor
Read/
Write
Sets Counter Prescaler for FAN1 Speed Measurement
<5:4> = 00 – Divide by 1
<5:4> = 01 – Divide by 2
<5:4> = 10 – Divide by 4
<5:4> = 11 – Divide by 8
6–7
FAN2 Divisor
Read/
Write
Sets Counter Prescaler for FAN2 Speed Measurement
<7:6> = 00 – Divide by 1
<7:6> = 01 – Divide by 2
<7:6> = 10 – Divide by 4
<7:6> = 11 – Divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com