Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 5 Page - Analog Devices

  ADV7129 Datasheet HTML 1Page - Analog Devices ADV7129 Datasheet HTML 2Page - Analog Devices ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADV7129
–5–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Voltage on Any Digital Pin . . . . GND – 0.5 V to VAA + 0.5 V
Ambient Operating Temperature (TA) . . . . . . . . 0°C to +70°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +260
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . . +220
°C
Analog Outputs to GND
2
. . . . . . . . . . . GND – 0.5 V to VAA
Current on Any DAC Output . . . . . . . . . . . . . . . . . . . . 60 mA
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
ORDERING GUIDE*
Model
Temperature Range
Package Option
ADV7129KS
0
°C to +70°C
S-304
*Due to the specialized nature and application of this part, it is not automati-
cally available to order. Please contact your local sales office for details.
304-LEAD PQFP PIN CONFIGURATION
77
152
PIN NO. 1 IDENTIFIER
1
304
76
153
228
229
ROW A
ROW B
ROW D
ADV7129
PQFP
TOP VIEW
(Not to Scale)
ROW C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7129 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com