Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices ADV7129 Datasheet HTML 15Page - Analog Devices ADV7129 Datasheet HTML 16Page - Analog Devices ADV7129 Datasheet HTML 17Page - Analog Devices ADV7129 Datasheet HTML 18Page - Analog Devices ADV7129 Datasheet HTML 19Page - Analog Devices ADV7129 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV7129
–16–
REV. 0
PIXEL
DATA
192
RBIAS
GBIAS
BBIAS
RCOMP
GCOMP
BCOMP
IOR
IOR
IOG
IOG
IOB
IOB
RRSET
GRSET
BRSET
+5V(VAA)
ANALOG POWER PLANE
10µF
33µF
FERRITE BEAD
+5V
(BOARD SUPPLY VCC)
VAA
EACH
0.01µF
VAA
EACH
0.01µF
VAA
EACH
280
Ω
50
Ω
50
Ω
VAA
VREF
VAA
0.1µF
SENSE/
SYNCOUT
0.1µF
0.01µF
(REPEATED FOR EACH GROUP OF VAA PINS)
FERRITE BEAD
GND
ANALOG GROUND PLANE
DIGITAL GROUND
PLANE
BOARD GROUND
MONITOR (CRT)
ADV7129
0.01µF
0.1µF
VAA
LPF
LOADOUT
LOADIN
CLOCK
(45MHz)
ODD/
EVEN
CSYNC
HSYNC
VSYNC
BLANK
AN OPTIONAL BALUN TRANSFORMER
CAN BE USED ON VIDEO AND
COMPLEMENTARY OUTPUTS FOR
IMPROVED PERFORMANCE
(DOESN’T SHOW MPU PORT FOR CLARITY)
50
Ω
50
Ω
50
Ω
50
Ω
100
Ω
Figure 12. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com