Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 4 Page - Analog Devices

  ADV7129 Datasheet HTML 1Page - Analog Devices ADV7129 Datasheet HTML 2Page - Analog Devices ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV7129
–4–
REV. 0
AN ...
HN
AN+1 ...
HN+1
AN+2 ...
HN+2
DIGITAL
INPUT
TO
ANALOG
OUTPUT
PIPELINE
AN+2 ... HN+2
AN+1 ... HN+1
AN ... HN
AN–1 ... HN–1
LOADOUT
LOADIN
PIXEL
INPUT
DATA
ANALOG
OUTPUT
DATA
t2
t3
t4
t1
tPD
Figure 2. LOADIN vs. Pixel Input Data
R/
W, C0, C1
CE
t
7
VALID
CONTROL DATA
t
13
t
16
D7–D0
(READ MODE)
D7–D0
(WRITE MODE)
R/
W = 0
R/
W = 1
t
8
t
9
t
12
t
11
t
10
t
14
t
15
Figure 3. Microprocessor Port (MPU) Interface Timing
PCLK
t
17
ANALOG
OUTPUTS
IOR
IOG
IOB
SYNCOUT
t
18
10 %
50 %
90 %
NOTE:
THIS DIAGRAM IS NOT TO SCALE.
FOR THE PURPOSES OF CLARITY, THE ANALOG OUTPUT WAVEFORM IS MAGNIFIED IN TIME AND AMPLITUDE W.R.T THE CLOCK WAVEFORM.
t
17 IS THE ONLY RELEVENT TIMING SPECIFICATION FOR SYNCOUT.
SYNCOUT IS A DIGITAL VIDEO OUTPUT SIGNAL.
FULL-SCALE
TRANSITION
WHITE LEVEL
BLACK LEVEL
t
19
Figure 4. Analog Output Response vs. LOADIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com